Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 52 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 52 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 48Page - SPANSION S29PL-J55BAI011 Datasheet HTML 49Page - SPANSION S29PL-J55BAI011 Datasheet HTML 50Page - SPANSION S29PL-J55BAI011 Datasheet HTML 51Page - SPANSION S29PL-J55BAI011 Datasheet HTML 52Page - SPANSION S29PL-J55BAI011 Datasheet HTML 53Page - SPANSION S29PL-J55BAI011 Datasheet HTML 54Page - SPANSION S29PL-J55BAI011 Datasheet HTML 55Page - SPANSION S29PL-J55BAI011 Datasheet HTML 56Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
50
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
13.5
Temporary Sector Unprotect
This feature allows temporary unprotection of previously protected sectors to change data in-system. The
Sector Unprotect mode is activated by setting the RESET# pin to VID. During this mode, formerly protected
sectors can be programmed or erased by selecting the sector addresses. Once VID is removed from the
RESET# pin, all the previously protected sectors are protected again. Figure 13.2 on page 50 shows the
algorithm, and Figure 21.1 on page 81 shows the timing diagrams, for this feature. While PPB lock is set, the
device cannot enter the Temporary Sector Unprotection Mode.
Figure 13.2 Temporary Sector Unprotect Operation
Notes:
1. All protected sectors unprotected (If WP#/ACC = VIL, upper two and lower two sectors will remain protected).
2. All previously protected sectors are protected once again
13.6
Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector feature provides a Flash memory region that enables permanent part
identification through an Electronic Serial Number (ESN) The 128-word Secured Silicon sector is divided into
64 factory-lockable words that can be programmed and locked by the customer. The Secured Silicon sector
is located at addresses 000000h-00007Fh in both Persistent Protection mode and Password Protection
mode. Indicator bits DQ6 and DQ7 are used to indicate the factory-locked and customer locked status of the
part.
The system accesses the Secured Silicon Sector through a command sequence (see the Enter/Exit Secured
Silicon Sector Command Sequence on page 56). After the system has written the Enter Secured Silicon
Sector command sequence, it may read the Secured Silicon Sector by using the addresses normally
occupied by the boot sectors. This mode of operation continues until the system issues the Exit Secured
Silicon Sector command sequence, or until power is removed from the device. Once the Enter SecSi Sector
Command sequence has been entered, the standard array cannot be accessed until the Exit SecSi Sector
command has been entered or the device has been reset. On power-up, or following a hardware reset, the
device reverts to sending commands to the normal address space. Note that the ACC function and unlock
bypass modes are not available when the Secured Silicon Sector is enabled.
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com