Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 32 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 32 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 28Page - SPANSION S29PL-J55BAI011 Datasheet HTML 29Page - SPANSION S29PL-J55BAI011 Datasheet HTML 30Page - SPANSION S29PL-J55BAI011 Datasheet HTML 31Page - SPANSION S29PL-J55BAI011 Datasheet HTML 32Page - SPANSION S29PL-J55BAI011 Datasheet HTML 33Page - SPANSION S29PL-J55BAI011 Datasheet HTML 34Page - SPANSION S29PL-J55BAI011 Datasheet HTML 35Page - SPANSION S29PL-J55BAI011 Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
30
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
SA37
0011110XXX
32
0F0000h–0F7FFFh
SA38
0011111XXX
32
0F8000h–0FFFFFh
SA39
0100000XXX
32
100000h–107FFFh
SA40
0100001XXX
32
108000h–10FFFFh
SA41
0100010XXX
32
110000h–117FFFh
SA42
0100011XXX
32
118000h–11FFFFh
SA43
0100100XXX
32
120000h–127FFFh
SA44
0100101XXX
32
128000h–12FFFFh
SA45
0100110XXX
32
130000h–137FFFh
SA46
0100111XXX
32
138000h–13FFFFh
SA47
0101000XXX
32
140000h–147FFFh
SA48
0101001XXX
32
148000h–14FFFFh
SA49
0101010XXX
32
150000h–157FFFh
SA50
0101011XXX
32
158000h–15FFFFh
SA51
0101100XXX
32
160000h–167FFFh
SA52
0101101XXX
32
168000h–16FFFFh
SA53
0101110XXX
32
170000h–177FFFh
SA54
0101111XXX
32
178000h–17FFFFh
SA55
0110000XXX
32
180000h–187FFFh
SA56
0110001XXX
32
188000h–18FFFFh
SA57
0110010XXX
32
190000h–197FFFh
SA58
0110011XXX
32
198000h–19FFFFh
SA59
0110100XXX
32
1A0000h–1A7FFFh
SA60
0110101XXX
32
1A8000h–1AFFFFh
SA61
0110110XXX
32
1B0000h–1B7FFFh
SA62
0110111XXX
32
1B8000h–1BFFFFh
SA63
0111000XXX
32
1C0000h–1C7FFFh
SA64
0111001XXX
32
1C8000h–1CFFFFh
SA65
0111010XXX
32
1D0000h–1D7FFFh
SA66
0111011XXX
32
1D8000h–1DFFFFh
SA67
0111100XXX
32
1E0000h–1E7FFFh
SA68
0111101XXX
32
1E8000h–1EFFFFh
SA69
0111110XXX
32
1F0000h–1F7FFFh
SA70
0111111XXX
32
1F8000h–1FFFFFh
SA71
1000000XXX
32
200000h–207FFFh
SA72
1000001XXX
32
208000h–20FFFFh
SA73
1000010XXX
32
210000h–217FFFh
SA74
1000011XXX
32
218000h–21FFFFh
SA75
1000100XXX
32
220000h–227FFFh
SA76
1000101XXX
32
228000h–22FFFFh
SA77
1000110XXX
32
230000h–237FFFh
SA78
1000111XXX
32
238000h–23FFFFh
SA79
1001000XXX
32
240000h–247FFFh
SA80
1001001XXX
32
248000h–24FFFFh
SA81
1001010XXX
32
250000h–257FFFh
SA82
1001011XXX
32
258000h–25FFFFh
SA83
1001100XXX
32
260000h–267FFFh
SA84
1001101XXX
32
268000h–26FFFFh
SA85
1001110XXX
32
270000h–277FFFh
Table 10.6 PL064J Sector Architecture (Sheet 2 of 4)
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com