Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 41 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 41 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 37Page - SPANSION S29PL-J55BAI011 Datasheet HTML 38Page - SPANSION S29PL-J55BAI011 Datasheet HTML 39Page - SPANSION S29PL-J55BAI011 Datasheet HTML 40Page - SPANSION S29PL-J55BAI011 Datasheet HTML 41Page - SPANSION S29PL-J55BAI011 Datasheet HTML 42Page - SPANSION S29PL-J55BAI011 Datasheet HTML 43Page - SPANSION S29PL-J55BAI011 Datasheet HTML 44Page - SPANSION S29PL-J55BAI011 Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
39
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
10.8
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This mode is primarily intended for programming equipment to
automatically match a device to be programmed with its corresponding programming algorithm. However, the
autoselect codes can also be accessed in-system through the command register.
When using programming equipment, the autoselect mode requires VID on address pin A9. Address pins
must be as shown in Table 10.10 on page 40 and Table 10.11 on page 40. In addition, when verifying sector
protection, the sector address must appear on the appropriate highest order address bits (see Table 10.4
on page 21). Table 10.10 and Table 10.11 show the remaining address bits that are don’t care. When all
necessary bits have been set as required, the programming equipment may then read the corresponding
identifier code on DQ7–DQ0. However, the autoselect codes can also be accessed in-system through the
command register, for instances when the device is erased or programmed in a system without access to
high voltage on the A9 pin. The command sequence is illustrated in Table 15.1 on page 62. Note that if a
Bank Address (BA) (on address bits PL127J: A22–A20, PL129J and PL064J: A21–A19, PL032J: A20–A18) is
asserted during the third write cycle of the autoselect command, the host system can read autoselect data
that bank and then immediately read array data from the other bank, without exiting the autoselect mode.
SA2-109
1
0
1101101XXX
32
368000h–36FFFFh
SA2-110
1
0
1101110XXX
32
370000h–377FFFh
SA2-111
1
0
1101111XXX
32
378000h–37FFFFh
SA2-112
1
0
1110000XXX
32
380000h–387FFFh
SA2-113
1
0
1110001XXX
32
388000h–38FFFFh
SA2-114
1
0
1110010XXX
32
390000h–397FFFh
SA2-115
1
0
1110011XXX
32
398000h–39FFFFh
SA2-116
1
0
1110100XXX
32
3A0000h–3A7FFFh
SA2-117
1
0
1110101XXX
32
3A8000h–3AFFFFh
SA2-118
1
0
1110110XXX
32
3B0000h–3B7FFFh
SA2-119
1
0
1110111XXX
32
3B8000h–3BFFFFh
SA2-120
1
0
1111000XXX
32
3C0000h–3C7FFFh
SA2-121
1
0
1111001XXX
32
3C8000h–3CFFFFh
SA2-122
1
0
1111010XXX
32
3D0000h–3D7FFFh
SA2-123
1
0
1111011XXX
32
3D8000h–3DFFFFh
SA2-124
1
0
1111100XXX
32
3E0000h–3E7FFFh
SA2-125
1
0
1111101XXX
32
3E8000h–3EFFFFh
SA2-126
1
0
1111110XXX
32
3F0000h–3F7FFFh
SA2-127
1
0
1111111000
4
3F8000h–3F8FFFh
SA2-128
1
0
1111111001
4
3F9000h–3F9FFFh
SA2-129
1
0
1111111010
4
3FA000h–3FAFFFh
SA2-130
1
0
1111111011
4
3FB000h–3FBFFFh
SA2-131
1
0
1111111100
4
3FC000h–3FCFFFh
SA2-132
1
0
1111111101
4
3FD000h–3FDFFFh
SA2-133
1
0
1111111110
4
3FE000h–3FEFFFh
SA2-134
1
0
1111111111
4
3FF000h–3FFFFFh
Table 10.9 Secured Silicon Sector Addresses
Sector Size
Address Range
Factory-Locked Area
64 words
000000h-00003Fh
Customer-Lockable Area
64 words
000040h-00007Fh
Table 10.8 S29PL129J Sector Architecture (Sheet 6 of 6)
Bank
Sector
CE1#
CE2#
Sector Address (A21-A12)
Sector Size (Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com