Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 58 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 58 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 54Page - SPANSION S29PL-J55BAI011 Datasheet HTML 55Page - SPANSION S29PL-J55BAI011 Datasheet HTML 56Page - SPANSION S29PL-J55BAI011 Datasheet HTML 57Page - SPANSION S29PL-J55BAI011 Datasheet HTML 58Page - SPANSION S29PL-J55BAI011 Datasheet HTML 59Page - SPANSION S29PL-J55BAI011 Datasheet HTML 60Page - SPANSION S29PL-J55BAI011 Datasheet HTML 61Page - SPANSION S29PL-J55BAI011 Datasheet HTML 62Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
56
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
15.2
Reset Command
Writing the reset command resets the banks to the read or erase-suspend-read mode. Address bits are don’t
cares for this command.
The reset command may be written between the sequence cycles in an erase command sequence before
erasing begins. This resets the bank to which the system was writing to the read mode. Once erasure begins,
however, the device ignores reset commands until the operation is complete.
The reset command may be written between the sequence cycles in a program command sequence before
programming begins. This resets the bank to which the system was writing to the read mode. If the program
command sequence is written to a bank that is in the Erase Suspend mode, writing the reset command
returns that bank to the erase-suspend-read mode. Once programming begins, however, the device ignores
reset commands until the operation is complete.
The reset command may be written between the sequence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command must be written to return to the read mode. If a bank
entered the autoselect mode while in the Erase Suspend mode, writing the reset command returns that bank
to the erase-suspend-read mode.
If DQ5 goes high during a program or erase operation, writing the reset command returns the banks to the
read mode (or erase-suspend-read mode if that bank was in Erase Suspend and program-suspend-read
mode if that bank was in Program Suspend).
15.3
Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manufacturer and device codes,
and determine whether or not a sector is protected. The autoselect command sequence may be written to an
address within a bank that is either in the read or erase-suspend-read mode. The autoselect command may
not be written while the device is actively programming or erasing in the other bank.
The autoselect command sequence is initiated by first writing two unlock cycles. This is followed by a third
write cycle that contains the bank address and the autoselect command. The bank then enters the autoselect
mode. The system may read any number of autoselect codes without reinitiating the command sequence.
Table 15.1 on page 62 shows the address and data requirements. To determine sector protection
information, the system must write to the appropriate bank address (BA) and sector address (SA). Table 10.4
on page 21 shows the address range and bank number associated with each sector.
The system must write the reset command to return to the read mode (or erase-suspend-read mode if the
bank was previously in Erase Suspend).
15.4
Enter/Exit Secured Silicon Sector Command Sequence
The Secured Silicon Sector region provides a secured data area containing a random, eight word electronic
serial number (ESN). The system can access the Secured Silicon Sector region by issuing the three-cycle
Enter Secured Silicon Sector command sequence. The device continues to access the Secured Silicon
Sector region until the system issues the four-cycle Exit Secured Silicon Sector command sequence. The Exit
Secured Silicon Sector command sequence returns the device to normal operation. The Secured Silicon
Sector is not accessible when the device is executing an Embedded Program or embedded Erase algorithm.
Table 15.1 on page 62 shows the address and data requirements for both command sequences. See also
Secured Silicon Sector Flash Memory Region on page 50 for further information. Note that the ACC function
and unlock bypass modes are not available when the Secured Silicon Sector is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com