Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 86 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 86 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 82Page - SPANSION S29PL-J55BAI011 Datasheet HTML 83Page - SPANSION S29PL-J55BAI011 Datasheet HTML 84Page - SPANSION S29PL-J55BAI011 Datasheet HTML 85Page - SPANSION S29PL-J55BAI011 Datasheet HTML 86Page - SPANSION S29PL-J55BAI011 Datasheet HTML 87Page - SPANSION S29PL-J55BAI011 Datasheet HTML 88Page - SPANSION S29PL-J55BAI011 Datasheet HTML 89Page - SPANSION S29PL-J55BAI011 Datasheet HTML 90Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
84
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
Note
This parameter is defined for CE1#/CE2# recover time for read/read, program/read, and read/program operations. Program/program operation are not allowed and
only a single program operation is allowed at one time.
Figure 21.4 Timing Diagram for Alternating Between CE1# and CE2# Control
Notes
1. Typical program and erase times assume the following conditions: 25°C, 3.0 V VCC, 100,000 cycles. Additionally, programming typicals
assume checkerboard pattern. All values are subject to change.
2. Under worst case conditions of 90°C, VCC = 2.7 V, 1,000,000 cycles. All values are subject to change.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster
than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 15.1
on page 62 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 100,000 cycles.
Table 21.3 CE1#/CE2# Timing (S29PL129J only)
Parameter
Description
All Speed Options
Unit
JEDEC
Std
tCCR
CE1#/CE2# Recover Time (See Note)
Min
0
ns
Table 21.4 Erase And Programming Performance
Parameter
Typ (Note 1)
Max
(Note 2)
Unit
Comments
Sector Erase Time
0.5
2
sec
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
PL127J/129J
135
216
sec
PL064J
71
113.6
sec
PL032J
39
62.4
sec
Word Program Time
6
100
µs
Excludes system level
overhead (Note 5)
Accelerated Word Program Time
4
60
µs
Chip Program Time
(Note 3)
PL127J/129J
50.4
200
sec
PL064J
25.2
50.4
sec
PL032J
12.6
25.2
sec
CE1#
tCCR
tCCR
CE2#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com