Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 93 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 93 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 88Page - SPANSION S29PL-J55BAI011 Datasheet HTML 89Page - SPANSION S29PL-J55BAI011 Datasheet HTML 90Page - SPANSION S29PL-J55BAI011 Datasheet HTML 91Page - SPANSION S29PL-J55BAI011 Datasheet HTML 92Page - SPANSION S29PL-J55BAI011 Datasheet HTML 93Page - SPANSION S29PL-J55BAI011 Datasheet HTML 94Page - SPANSION S29PL-J55BAI011 Datasheet HTML 95Page - SPANSION S29PL-J55BAI011 Datasheet HTML 96Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
91
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
24. Revision Summary
24.1
Revision A0 (January 29, 2004)
Initial release.
24.2
Revision A1 (February 12, 2004)
Software Features
Included backward compatibility with MBM29xx families.
General Description
48-ball BGA package is not supported and was removed.
Ordering Information
Model numbers for the 48-ball BGA configurations were removed.
64-Ball Fine Pitch BGA—MCP Compatible
An illustration was added to show the pin-out configuration.
Table 20
Added the description of 01h for address 4Fh and removed the 0004 data.
Table 34
Provided the time units of measure for the erase and programming performances.
24.3
Revision A2 (February 17, 2004)
Memory Array Command Definitions, Table
Corrected typo in device ID.
24.4
Revision A3 (February 25, 2004)
Architectural Advantages
Added 3V VIO for PL064J and PL032J devices.
Ordering Information
Corrected the voltage rating, ball configuration, and physical dimensions for model numbers 12 and 13.
Connection Diagrams
Removed the 64-ball, 8x9 mm diagram.
Operating Ranges
Clarified the supply voltages that apply to the PL127J/PL129J and all other PLxxxJ products.
BGA Pin Capacitance
Added information applicable to the CIN3 symbol.
Package Drawings
Removed the 9x8 mm package drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com