Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 16 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 16 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 12Page - SPANSION S29PL-J55BAI011 Datasheet HTML 13Page - SPANSION S29PL-J55BAI011 Datasheet HTML 14Page - SPANSION S29PL-J55BAI011 Datasheet HTML 15Page - SPANSION S29PL-J55BAI011 Datasheet HTML 16Page - SPANSION S29PL-J55BAI011 Datasheet HTML 17Page - SPANSION S29PL-J55BAI011 Datasheet HTML 18Page - SPANSION S29PL-J55BAI011 Datasheet HTML 19Page - SPANSION S29PL-J55BAI011 Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
14
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
7.
Connection Diagrams
7.1
Special Package Handling Instructions
7.1.1
TSOP, BGA, PDIP, SSOP, and PLCC Packages
Special handling is required for Flash Memory products in molded packages.
The package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
7.1.2
FBGA Packages
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
7.2
80-Ball Fine-Pitch BGA—PL127J
Figure 7.1 80-Ball Fine-Pitch BGA, Top View, Balls Facing Down—PL127J
B2
D2
E2
F2
G2
H2
J2
D3
E3
F3
G3
H3
J3
D4
E4
F4
G4
H4
J4
D5
E5
F5
G5
H5
J5
D6
E6
F6
G6
H6
J6
B7
D7
E7
F7
G7
H7
J7
NC
DQ15
A16
A15
A14
A12
A13
NC
DQ14
DQ13
DQ7
A11
A10
A8
A9
DQ12
VCC
DQ5
A19
A21
RESET#
WE#
DQ10
DQ11
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ8
DQ9
DQ0
A5
A6
A17
A7
CE#
OE#
K2
K3
K4
K5
K6
K7
VSS
DQ6
DQ4
DQ3
DQ1
VSS
A0
A1
A2
A4
A3
NC
B1
D1
E1
F1
G1
H1
J1
VIO
NC
NC
NC
NC
NC
NC
NC
A1
NC
B8
D8
C2
C3
C4
C5
C6
C7
A2
A7
NC
NC
C1
C8
E8
F8
G8
H8
J8
NC
NC
K1
NC
K8
NC
L2
L7
NC
NC
M2
M7
NC
NC
L1
NC
L8
NC
M1
NC
M8
NC
VSS
VIO
NC
A22
NC
NC
A8
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com