Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 48 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 48 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 44Page - SPANSION S29PL-J55BAI011 Datasheet HTML 45Page - SPANSION S29PL-J55BAI011 Datasheet HTML 46Page - SPANSION S29PL-J55BAI011 Datasheet HTML 47Page - SPANSION S29PL-J55BAI011 Datasheet HTML 48Page - SPANSION S29PL-J55BAI011 Datasheet HTML 49Page - SPANSION S29PL-J55BAI011 Datasheet HTML 50Page - SPANSION S29PL-J55BAI011 Datasheet HTML 51Page - SPANSION S29PL-J55BAI011 Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
46
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
The WP#/ACC write protect pin adds a final level of hardware protection to sectors SA1-133, SA1-134, SA2-
0 and SA2-1. When this pin is low it is not possible to change the contents of these sectors. These sectors
generally hold system boot code. The WP#/ACC pin can prevent any changes to the boot code that could
override the choices made while setting up sector protection during system initialization.
For customers who are concerned about malicious viruses there is another level of security - the persistently
locked state. To persistently protect a given sector or sector group, the PPBs associated with that sector need
to be set to “1”. Once all PPBs are programmed to the desired settings, the PPB Lock should be set to “1”.
Setting the PPB Lock automatically disables all program and erase commands to the Non-Volatile PPBs. In
effect, the PPB Lock “freezes” the PPBs into their current state. The only way to clear the PPB Lock is to go
through a power cycle.
It is possible to have sectors that have been persistently locked, and sectors that are left in the dynamic state.
The sectors in the dynamic state are all unprotected. If there is a need to protect some of them, a simple DYB
Write command sequence is all that is necessary. The DYB write command for the dynamic sectors switch
the DYBs to signify protected and unprotected, respectively. If there is a need to change the status of the
persistently locked sectors, a few more steps are required. First, the PPB Lock bit must be disabled by either
putting the device through a power-cycle, or hardware reset. The PPBs can then be changed to reflect the
desired settings. Setting the PPB lock bit once again will lock the PPBs, and the device operates normally
again.
The best protection is achieved by executing the PPB lock bit set command early in the boot code, and
protect the boot code by holding WP#/ACC = VIL.
Table 17 contains all possible combinations of the DYB, PPB, and PPB lock relating to the status of the
sector.
In summary, if the PPB is set, and the PPB lock is set, the sector is protected and the protection can not be
removed until the next power cycle clears the PPB lock. If the PPB is cleared, the sector can be dynamically
locked or unlocked. The DYB then controls whether or not the sector is protected or unprotected.
If the user attempts to program or erase a protected sector, the device ignores the command and returns to
read mode. A program command to a protected sector enables status polling for approximately 1 µs before
the device returns to read mode without having modified the contents of the protected sector. An erase
command to a protected sector enables status polling for approximately 50 µs after which the device returns
to read mode without having erased the protected sector.
The programming of the DYB, PPB, and PPB lock for a given sector can be verified by writing a DYB/PPB/
PPB lock verify command to the device. There is an alternative means of reading the protection status. Take
RESET# to VIL and hold WE# at VIH. (The high voltage A9 Autoselect Mode also works for reading the status
of the PPBs). Scanning the addresses (A18–A11) while (A6, A1, A0) = (0, 1, 0) will produce a logical ‘1” code
at device output DQ0 for a protected sector or a “0” for an unprotected sector. In this mode, the other
addresses are don’t cares. Address location with A1 = VIL are reserved for autoselect manufacturer and
device codes.
12.4
Persistent Sector Protection Mode Locking Bit
Like the password mode locking bit, a Persistent Sector Protection mode locking bit exists to guarantee that
the device remain in software sector protection. Once set, the Persistent Sector Protection locking bit
prevents programming of the password protection mode locking bit. This guarantees that a hacker could not
place the device in password protection mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com