Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 23 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 23 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 19Page - SPANSION S29PL-J55BAI011 Datasheet HTML 20Page - SPANSION S29PL-J55BAI011 Datasheet HTML 21Page - SPANSION S29PL-J55BAI011 Datasheet HTML 22Page - SPANSION S29PL-J55BAI011 Datasheet HTML 23Page - SPANSION S29PL-J55BAI011 Datasheet HTML 24Page - SPANSION S29PL-J55BAI011 Datasheet HTML 25Page - SPANSION S29PL-J55BAI011 Datasheet HTML 26Page - SPANSION S29PL-J55BAI011 Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
21
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
10.1.1
Random Read (Non-Page Read)
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from the stable addresses and stable CE# to valid data at the output inputs. The
output enable access time is the delay from the falling edge of the OE# to valid data at the output inputs
(assuming the addresses have been stable for at least tACC–tOE time).
10.1.2
Page Mode Read
The device is capable of fast page mode read and is compatible with the page mode Mask ROM read
operation. This mode provides faster read access speed for random locations within a page. Address bits
Amax–A3 select an 8 word page, and address bits A2–A0 select a specific word within that page. This is an
asynchronous operation with the microprocessor supplying the specific word location.
The random or initial page access is tACC or tCE and subsequent page read accesses (as long as the
locations specified by the microprocessor falls within that page) is equivalent to tPACC. When CE# (CE1# and
CE#2 in PL129J) is deasserted (=VIH), the reassertion of CE# (CE1# or CE#2 in PL129J) for subsequent
access has access time of tACC or tCE. Here again, CE# (CE1# /CE#2 in PL129J)selects the device and OE#
is the output control and should be used to gate data to the output inputs if the device is selected. Fast page
mode accesses are obtained by keeping Amax–A3 constant and changing A2–A0 to select the specific word
within that page.
10.2
Simultaneous Read/Write Operation
In addition to the conventional features (read, program, erase-suspend read, erase-suspend program, and
program-suspend read), the device is capable of reading data from one bank of memory while a program or
erase operation is in progress in another bank of memory (simultaneous operation). The bank can be
selected by bank addresses (PL127J: A22–A20, PL129J and PL064J: A21–A19, PL032J: A20–A18) with
zero latency.
The simultaneous operation can execute multi-function mode in the same bank.
Table 10.3 Page Select
Word
A2
A1
A0
Word 0
0
0
0
Word 1
0
0
1
Word 2
0
1
0
Word 3
0
1
1
Word 4
1
0
0
Word 5
1
0
1
Word 6
1
1
0
Word 7
1
1
1
Table 10.4 Bank Select
Bank
PL127J: A22–A20, PL064J: A21–A19, PL032J: A20–A18
Bank A
000
Bank B
001, 010, 011
Bank C
100, 101, 110
Bank D
111
Bank
CE1#
CE2#
PL129J: A21–A20
Bank 1A
0
1
00
Bank 1B
0
1
01, 10, 11
Bank 2A
1
0
00, 01, 10
Bank 2B
1
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com