Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 70 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 70 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 66Page - SPANSION S29PL-J55BAI011 Datasheet HTML 67Page - SPANSION S29PL-J55BAI011 Datasheet HTML 68Page - SPANSION S29PL-J55BAI011 Datasheet HTML 69Page - SPANSION S29PL-J55BAI011 Datasheet HTML 70Page - SPANSION S29PL-J55BAI011 Datasheet HTML 71Page - SPANSION S29PL-J55BAI011 Datasheet HTML 72Page - SPANSION S29PL-J55BAI011 Datasheet HTML 73Page - SPANSION S29PL-J55BAI011 Datasheet HTML 74Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
68
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
16.7
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the system may read DQ3 to determine whether or not
erasure has begun. (The sector erase timer does not apply to the chip erase command.) If additional sectors
are selected for erasure, the entire time-out also applies after each additional sector erase command. When
the time-out period is complete, DQ3 switches from a “0” to a “1.” See also the Sector Erase Command
Sequence on page 59.
After the sector erase command is written, the system should read the status of DQ7 (Data# Polling) or DQ6
(Toggle Bit I) to ensure that the device has accepted the command sequence, and then read DQ3. If DQ3 is
“1,” the Embedded Erase algorithm has begun; all further commands (except Erase Suspend) are ignored
until the erase operation is complete. If DQ3 is “0,” the device will accept additional sector erase commands.
To ensure the command has been accepted, the system software should check the status of DQ3 prior to and
following each subsequent sector erase command. If DQ3 is high on the second status check, the last
command might not have been accepted.
Table 16.1 shows the status of DQ3 relative to the other status bits.
Notes:
1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. Refer to DQ5:
Exceeded Timing Limits on page 67 for more information.
2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
3. When reading write operation status bits, the system must always provide the bank address where the Embedded Algorithm is in
progress. The device outputs array data if the system addresses a non-busy bank.
Table 16.1 Write Operation Status
Status
DQ7
(Note 2)
DQ6
DQ5
(Note 1)
DQ3
DQ2
(Note 2)
RY/BY#
Standard
Mode
Embedded Program
Algorithm
DQ7#
Toggle
0
N/A
No toggle
0
Embedded Erase
Algorithm
0
Toggle
0
1
Toggle
0
Erase
Suspend
Mode
Erase
Suspend-
Read
Erase
Suspended
Sector
1
No toggle
0
N/A
Toggle
1
Non-Erase
Suspended
Sector
Data
Data
Data
Data
Data
1
Erase-Suspend
-Program
DQ7#
Toggle
0
N/A
N/A
0
Program
Suspend
Mode
(Note 3)
Reading within
Program
Suspended Sector
Invalid
(Not Allowed)
Invalid
(Not Allowed)
Invalid
(Not Allowed)
Invalid
(Not Allowed)
Invalid
(Not Allowed)
1
Reading within
Non-program
Suspended Sector
Data
Data
Data
Data
Data
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com