Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 94 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 94 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 88Page - SPANSION S29PL-J55BAI011 Datasheet HTML 89Page - SPANSION S29PL-J55BAI011 Datasheet HTML 90Page - SPANSION S29PL-J55BAI011 Datasheet HTML 91Page - SPANSION S29PL-J55BAI011 Datasheet HTML 92Page - SPANSION S29PL-J55BAI011 Datasheet HTML 93Page - SPANSION S29PL-J55BAI011 Datasheet HTML 94Page - SPANSION S29PL-J55BAI011 Datasheet HTML 95Page - SPANSION S29PL-J55BAI011 Datasheet HTML 96Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
92
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
24.5
Revision A4 (February 27, 2004)
Connection Diagrams
Added the 56-ball 7x9 mm pinout diagram.
Package Options
Updated to include the 8 x 6 mm, 48-ball Fine pitch BGA and 7 x 9 mm, 56-ball Fine-pitch BGA options.
Physical Dimensions
Added the VBK048 package drawing.
24.6
Revision A5 (March 15, 2004)
Connection Diagrams
Changed names.
24.7
Revision A6 (August 30, 2004)
Global
Removed VIO, added TSOP, fixed Secured Silicon DQ bits.
Product Selector Guide
Updated specs in this table.
Ordering Information
Updated the Model Number offerings.
Valid Combinations Table (128Mb)
Corrected the Package Markings for the 64-ball FBGA packages.
Added combinations for the TLC056 package on the PL064J and PL032J devices.
Valid Combinations for BGA Packages (128Mb)
Updated information in this table.
Package Options
Added the 7 x 9mm 56-ball package.
Connection Diagram
56-ball connection diagram
Erase/Programming Performance Table
Notes 1 and 2 corrected to reflect accurate temperature ranges and cycling.
24.8
Revision A7 (March 2, 2005)
Ordering Information
Updated the Model Number offerings
Valid Combinations table
Updated the Package Types information.
Figure 6, In-System Sector Protection/Sector Unprotection Algorithms
Updated the illustration.
Program Suspend/Program Resume Commands
New section added. Made global changes to include program suspend/resume commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com