Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 34 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 34 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 30Page - SPANSION S29PL-J55BAI011 Datasheet HTML 31Page - SPANSION S29PL-J55BAI011 Datasheet HTML 32Page - SPANSION S29PL-J55BAI011 Datasheet HTML 33Page - SPANSION S29PL-J55BAI011 Datasheet HTML 34Page - SPANSION S29PL-J55BAI011 Datasheet HTML 35Page - SPANSION S29PL-J55BAI011 Datasheet HTML 36Page - SPANSION S29PL-J55BAI011 Datasheet HTML 37Page - SPANSION S29PL-J55BAI011 Datasheet HTML 38Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
32
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
SA135
1111111001
4
3F9000h–3F9FFFh
SA136
1111111010
4
3FA000h–3FAFFFh
SA137
1111111011
4
3FB000h–3FBFFFh
SA138
1111111100
4
3FC000h–3FCFFFh
SA139
1111111101
4
3FD000h–3FDFFFh
SA140
1111111110
4
3FE000h–3FEFFFh
SA141
1111111111
4
3FF000h–3FFFFFh
Table 10.7 PL032J Sector Architecture (Sheet 1 of 2)
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)
SA0
000000000
4
000000h–000FFFh
SA1
000000001
4
001000h–001FFFh
SA2
000000010
4
002000h–002FFFh
SA3
000000011
4
003000h–003FFFh
SA4
000000100
4
004000h–004FFFh
SA5
000000101
4
005000h–005FFFh
SA6
000000110
4
006000h–006FFFh
SA7
000000111
4
007000h–007FFFh
SA8
000001XXX
32
008000h–00FFFFh
SA9
000010XXX
32
010000h–017FFFh
SA10
000011XXX
32
018000h–01FFFFh
SA11
000100XXX
32
020000h–027FFFh
SA12
000101XXX
32
028000h–02FFFFh
SA13
000110XXX
32
030000h–037FFFh
SA14
000111XXX
32
038000h–03FFFFh
SA15
001000XXX
32
040000h–047FFFh
SA16
001001XXX
32
048000h–04FFFFh
SA17
001010XXX
32
050000h–057FFFh
SA18
001011XXX
32
058000h–05FFFFh
SA19
001100XXX
32
060000h–067FFFh
SA20
001101XXX
32
068000h–06FFFFh
SA21
001110XXX
32
070000h–077FFFh
SA22
001111XXX
32
078000h–07FFFFh
SA23
010000XXX
32
080000h–087FFFh
SA24
010001XXX
32
088000h–08FFFFh
SA25
010010XXX
32
090000h–097FFFh
SA26
010011XXX
32
098000h–09FFFFh
SA27
010100XXX
32
0A0000h–0A7FFFh
SA28
010101XXX
32
0A8000h–0AFFFFh
SA29
010110XXX
32
0B0000h–0B7FFFh
SA30
010111XXX
32
0B8000h–0BFFFFh
SA31
011000XXX
32
0C0000h–0C7FFFh
SA32
011001XXX
32
0C8000h–0CFFFFh
SA33
011010XXX
32
0D0000h–0D7FFFh
SA34
011011XXX
32
0D8000h–0DFFFFh
SA35
011100XXX
32
0E0000h–0E7FFFh
SA36
011101XXX
32
0E8000h–0EFFFFh
SA37
011110XXX
32
0F0000h–0F7FFFh
Table 10.6 PL064J Sector Architecture (Sheet 4 of 4)
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com