Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 50 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 50 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 46Page - SPANSION S29PL-J55BAI011 Datasheet HTML 47Page - SPANSION S29PL-J55BAI011 Datasheet HTML 48Page - SPANSION S29PL-J55BAI011 Datasheet HTML 49Page - SPANSION S29PL-J55BAI011 Datasheet HTML 50Page - SPANSION S29PL-J55BAI011 Datasheet HTML 51Page - SPANSION S29PL-J55BAI011 Datasheet HTML 52Page - SPANSION S29PL-J55BAI011 Datasheet HTML 53Page - SPANSION S29PL-J55BAI011 Datasheet HTML 54Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
48
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
13.3
Write Protect (WP#)
The Write Protect feature provides a hardware method of protecting the upper two and lower two sectors
without using VID. This function is provided by the WP# pin and overrides the previously discussed High
Voltage Sector Protection on page 48 method.
If the system asserts VIL on the WP#/ACC pin, the device disables program and erase functions in the two
outermost 4 Kword sectors on both ends of the flash array independent of whether it was previously protected
or unprotected.
If the system asserts VIH on the WP#/ACC pin, the device reverts the upper two and lower two sectors to
whether they were last set to be protected or unprotected. That is, sector protection or unprotection for these
sectors depends on whether they were last protected or unprotected using the method described in the High
Voltage Sector Protection on page 48.
Note that the WP#/ACC pin must not be left floating or unconnected; inconsistent behavior of the device may
result.
13.3.1
Persistent Protection Bit Lock
The Persistent Protection Bit (PPB) Lock is a volatile bit that reflects the state of the Password Mode Locking
Bit after power-up reset. If the Password Mode Lock Bit is also set after a hardware reset (RESET# asserted)
or a power-up reset, the ONLY means for clearing the PPB Lock Bit in Password Protection Mode is to issue
the Password Unlock command. Successful execution of the Password Unlock command clears the PPB
Lock Bit, allowing for sector PPBs modifications. Asserting RESET#, taking the device through a power-on
reset, or issuing the PPB Lock Bit Set command sets the PPB Lock Bit to a “1” when the Password Mode
Lock Bit is not set.
If the Password Mode Locking Bit is not set, including Persistent Protection Mode, the PPB Lock Bit is cleared
after power-up or hardware reset. The PPB Lock Bit is set by issuing the PPB Lock Bit Set command. Once
set the only means for clearing the PPB Lock Bit is by issuing a hardware or power-up reset. The Password
Unlock command is ignored in Persistent Protection Mode.
13.4
High Voltage Sector Protection
Sector protection and unprotection may also be implemented using programming equipment. The procedure
requires high voltage (VID) to be placed on the RESET# pin. Refer to Figure 13.1 on page 49 for details on
this procedure. Note that for sector unprotect, all unprotected sectors must first be protected prior to the first
sector write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com