Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 61 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 61 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 57Page - SPANSION S29PL-J55BAI011 Datasheet HTML 58Page - SPANSION S29PL-J55BAI011 Datasheet HTML 59Page - SPANSION S29PL-J55BAI011 Datasheet HTML 60Page - SPANSION S29PL-J55BAI011 Datasheet HTML 61Page - SPANSION S29PL-J55BAI011 Datasheet HTML 62Page - SPANSION S29PL-J55BAI011 Datasheet HTML 63Page - SPANSION S29PL-J55BAI011 Datasheet HTML 64Page - SPANSION S29PL-J55BAI011 Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
59
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
15.7
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two additional unlock cycles are written, and are then followed
by the address of the sector to be erased, and the sector erase command. Table 15.1 on page 62 shows the
address and data requirements for the sector erase command sequence.
The device does not require the system to preprogram prior to erase. The Embedded Erase algorithm
automatically programs and verifies the entire memory for an all zero data pattern prior to electrical erase.
The system is not required to provide any controls or timings during these operations.
After the command sequence is written, a sector erase time-out of 50 µs occurs. During the time-out period,
additional sector addresses and sector erase commands may be written. Loading the sector erase buffer may
be done in any sequence, and the number of sectors may be from one sector to all sectors. The time between
these additional cycles must be less than 50 µs, otherwise erasure may begin. Any sector erase address and
command following the exceeded time-out may or may not be accepted. It is recommended that processor
interrupts be disabled during this time to ensure all commands are accepted. The interrupts can be
re-enabled after the last Sector Erase command is written. If any command other than 30h, B0h, F0h is
input during the time-out period, the normal operation will not be guaranteed. The system must rewrite
the command sequence and any additional addresses and commands. Note that Secured Silicon Sector,
autoselect, and CFI functions are unavailable when a [program/erase] operation is in progress.
The system can monitor DQ3 to determine if the sector erase timer has timed out (See the section on DQ3:
Sector Erase Timer). The time-out begins from the rising edge of the final WE# pulse in the command
sequence.
When the Embedded Erase algorithm is complete, the bank returns to reading array data and addresses are
no longer latched. Note that while the Embedded Erase operation is in progress, the system can read data
from the non-erasing bank. The system can determine the status of the erase operation by reading DQ7,
DQ6, DQ2, or RY/BY# in the erasing bank. Refer to Write Operation Status on page 64 for information on
these status bits.
Once the sector erase operation has begun, only the Erase Suspend command is valid. All other commands
are ignored. However, note that a hardware reset immediately terminates the erase operation. If that occurs,
the sector erase command sequence should be reinitiated once that bank has returned to reading array data,
to ensure data integrity.
Figure 7.2 on page 15 illustrates the algorithm for the erase operation. Refer to the tables in Erase/Program
Operations on page 76 for parameters, and Figure 20.8 on page 78 for timing diagrams.
Figure 15.2 Erase Operation
Notes
1. See Table 15.1 on page 62 for erase command sequence.
2. See the section on DQ3 for information on the sector erase timer.
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com