Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 75 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 75 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 71Page - SPANSION S29PL-J55BAI011 Datasheet HTML 72Page - SPANSION S29PL-J55BAI011 Datasheet HTML 73Page - SPANSION S29PL-J55BAI011 Datasheet HTML 74Page - SPANSION S29PL-J55BAI011 Datasheet HTML 75Page - SPANSION S29PL-J55BAI011 Datasheet HTML 76Page - SPANSION S29PL-J55BAI011 Datasheet HTML 77Page - SPANSION S29PL-J55BAI011 Datasheet HTML 78Page - SPANSION S29PL-J55BAI011 Datasheet HTML 79Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
73
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
Figure 20.2 Input Waveforms and Measurement Levels
20.3
VCC Ramp Rate
All DC characteristics are specified for a VCC ramp rate > 1V/100 µs and VCC ≥ VCCQ - 100 mV. If the VCC
ramp rate is < 1V/100 µs, a hardware reset required.+
20.4
Read Operations
Notes
1. Not 100% tested.
2. See Figure 20.1 on page 72 and Table 20.1 on page 72 for test specifications
3. Measurements performed by placing a 50 ohm termination on the data pin with a bias of VCC /2. The time from OE# high to the data bus
driven to VCC /2 is taken as tDF.
4. S29PL129J has two CE# (CE1#, CE2#).
5. Valid CE1# / CE2# conditions: (CE1# = VIL,CE2# = VIH) or (CE1# = VIH,CE2# = VIL) or (CE1# = VIH, CE2# = VIH)
6. Valid CE1# / CE2# transitions: (CE1# = VIL,CE2# = VIH) or (CE1# = VIH,CE2# = VIL) to (CE1# = CE2# = VIH)
7. Valid CE1# / CE2# transitions: (CE1# = CE2# = VIH) to (CE1# = VIL,CE2# = VIH) or (CE1# = VIH,CE2# = VIL)
8. For 70 pF Output Load Capacitance, 2 ns will be added to the above tACC,tCE,tPACC,tOE values for all speed grades
VIO
0.0 V
VIO/2
VIO/2
Output
Measurement Level
Input
Table 20.3 Read-Only Operations
Parameter
Description (Notes)
Test Setup
Speed Options
Unit
JEDEC
Std.
55
60
65
70
tAVAV
tRC
Read Cycle Time (1)
Min
55
606570
ns
tAVQV
tACC
Address to Output Delay
CE#, OE# = VIL
Max
55
606570
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
55
606570
ns
tPACC
Page Access Time
Max
20
25
25
30
ns
tGLQV
tOE
Output Enable to Output Delay
Max
20
25
30
ns
tEHQZ
tDF
Chip Enable to Output High Z (3)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z (1, 3)
Max
16
ns
tAXQX
tOH
Output Hold Time From Addresses,
CE# or OE#, Whichever Occurs First (3)
Min
5
ns
tOEH
Output Enable Hold Time (1)
Read
Min
0
ns
Toggle and Data# Polling
Min
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com