Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 54 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 54 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 50Page - SPANSION S29PL-J55BAI011 Datasheet HTML 51Page - SPANSION S29PL-J55BAI011 Datasheet HTML 52Page - SPANSION S29PL-J55BAI011 Datasheet HTML 53Page - SPANSION S29PL-J55BAI011 Datasheet HTML 54Page - SPANSION S29PL-J55BAI011 Datasheet HTML 55Page - SPANSION S29PL-J55BAI011 Datasheet HTML 56Page - SPANSION S29PL-J55BAI011 Datasheet HTML 57Page - SPANSION S29PL-J55BAI011 Datasheet HTML 58Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
52
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
13.7
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing provides data protection
against inadvertent writes. In addition, the following hardware data protection measures prevent accidental
erasure or programming, which might otherwise be caused by spurious system level signals during VCC
power-up and power-down transitions, or from system noise.
13.7.1
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not accept any write cycles. This protects data during VCC
power-up and power-down. The command register and all internal program/erase circuits are disabled, and
the device resets to the read mode. Subsequent writes are ignored until VCC is greater than VLKO. The
system must provide the proper signals to the control pins to prevent unintentional writes when VCC is greater
than VLKO.
13.7.2
Write Pulse “Glitch” Protection
Noise pulses of less than 3 ns (typical) on OE#, CE#, (CE1#, CE2# in PL129J) or WE# do not initiate a write
cycle.
13.7.3
Logical Inhibit
Write cycles are inhibited by holding any one of OE# = VIL, CE# (CE1# = CE2# in PL129J)= VIH or WE# =
VIH. To initiate a write cycle, CE# (CE1# / CE2# in PL129J) and WE# must be a logical zero while OE# is a
logical one.
13.7.4
Power-Up Write Inhibit
If WE# = CE# (CE1#, CE2# in PL129J) = VIL and OE# = VIH during power up, the device does not accept
commands on the rising edge of WE#. The internal state machine is automatically reset to the read mode on
power-up.
14. Common Flash Memory Interface (CFI)
The Common Flash Interface (CFI) specification outlines device and host system software interrogation
handshake, which allows specific vendor-specified software algorithms to be used for entire families of
devices. Software support can then be device-independent, JEDEC ID-independent, and forward- and
backward-compatible for the specified flash device families. Flash vendors can standardize their existing
interfaces for long-term compatibility.
This device enters the CFI Query mode when the system writes the CFI Query command, 98h, to address
55h, any time the device is ready to read array data. The system can read CFI information at the addresses
given in Table 14.1 on page 53 to Table 14.4 on page 54. To terminate reading CFI data, the system must
write the reset command. The CFI Query mode is not accessible when the device is executing an Embedded
Program or embedded Erase algorithm.
The system can also write the CFI query command when the device is in the autoselect mode. The device
enters the CFI query mode, and the system can read CFI data at the addresses given in Table 14.1 to
Table 14.4. The system must write the reset command to return the device to reading array data.
For further information, please refer to the CFI Specification and CFI Publication 100. Contact your local sales
office for copies of these documents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com