Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 24 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 24 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 20Page - SPANSION S29PL-J55BAI011 Datasheet HTML 21Page - SPANSION S29PL-J55BAI011 Datasheet HTML 22Page - SPANSION S29PL-J55BAI011 Datasheet HTML 23Page - SPANSION S29PL-J55BAI011 Datasheet HTML 24Page - SPANSION S29PL-J55BAI011 Datasheet HTML 25Page - SPANSION S29PL-J55BAI011 Datasheet HTML 26Page - SPANSION S29PL-J55BAI011 Datasheet HTML 27Page - SPANSION S29PL-J55BAI011 Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
22
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
10.3
Writing Commands/Command Sequences
To write a command or command sequence (which includes programming data to the device and erasing
sectors of memory), the system must drive WE# and CE# (CE1# or CE#2 in PL129J) to VIL, and OE# to VIH.
The device features an Unlock Bypass mode to facilitate faster programming. Once a bank enters the
Unlock Bypass mode, only two write cycles are required to program a word, instead of four. Word Program
Command Sequence on page 57 has details on programming data to the device using both standard and
Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sectors, or the entire device. Table 10.4 on page 21
indicates the set of address space that each sector occupies. A “bank address” is the set of address bits
required to uniquely select a bank. Similarly, a “sector address” refers to the address bits required to uniquely
select a sector. Command Definitions on page 55 has details on erasing a sector or the entire chip, or
suspending/resuming the erase operation.
ICC2 in the DC Characteristics table represents the active current specification for the write mode. See the
timing specification tables and timing diagrams in section Reset on page 75 for write operations.
10.3.1
Accelerated Program Operation
The device offers accelerated program operations through the ACC function. This function is primarily
intended to allow faster manufacturing throughput at the factory.
If the system asserts VHH on this pin, the device automatically enters the aforementioned Unlock Bypass
mode, temporarily unprotects any protected sectors, and uses the higher voltage on the pin to reduce the
time required for program operations. The system would use a two-cycle program command sequence as
required by the Unlock Bypass mode. Removing VHH from the WP#/ACC pin returns the device to normal
operation. Note that VHH must not be asserted on WP#/ACC for operations other than accelerated
programming, or device damage may result. In addition, the WP#/ACC pin should be raised to VCC when not
in use. That is, the WP#/ACC pin should not be left floating or unconnected; inconsistent behavior of the
device may result.
10.3.2
Autoselect Functions
If the system writes the autoselect command sequence, the device enters the autoselect mode. The system
can then read autoselect codes from the internal register (which is separate from the memory array) on
DQ15–DQ0. Standard read cycle timings apply in this mode. Refer to the Table 10.9, Secured Silicon Sector
Addresses on page 39 and Autoselect Command Sequence on page 56 for more information.
10.4
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby mode. In this
mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state,
independent of the OE# input.
The device enters the CMOS standby mode when the CE# (CE1#,CE#2 in PL129J) and RESET# pins are
both held at VIO ± 0.3 V. (Note that this is a more restricted voltage range than VIH.) If CE# (CE1#,CE#2 in
PL129J) and RESET# are held at VIH, but not within VIO ± 0.3 V, the device will be in the standby mode, but
the standby current will be greater. The device requires standard access time (tCE) for read access when the
device is in either of these standby modes, before it is ready to read data.
If the device is deselected during erasure or programming, the device draws active current until the operation
is completed.
ICC3 in DC Characteristics on page 71 represents the CMOS standby current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com