Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 22 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 22 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 18Page - SPANSION S29PL-J55BAI011 Datasheet HTML 19Page - SPANSION S29PL-J55BAI011 Datasheet HTML 20Page - SPANSION S29PL-J55BAI011 Datasheet HTML 21Page - SPANSION S29PL-J55BAI011 Datasheet HTML 22Page - SPANSION S29PL-J55BAI011 Datasheet HTML 23Page - SPANSION S29PL-J55BAI011 Datasheet HTML 24Page - SPANSION S29PL-J55BAI011 Datasheet HTML 25Page - SPANSION S29PL-J55BAI011 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
20
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
10. Device Bus Operations
This section describes the requirements and use of the device bus operations, which are initiated through the
internal command register. The command register itself does not occupy any addressable memory location.
The register is a latch used to store the commands, along with the address and data information needed to
execute the command. The contents of the register serve as inputs to the internal state machine. The state
machine outputs dictate the function of the device. Table 10.1 lists the device bus operations, the inputs and
control levels they require, and the resulting output. The following subsections describe each of these
operations in further detail.
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 8.5–9.5 V, X = Don’t Care, SA = Sector Address, AIN = Address In, DIN
= Data In, DOUT = Data Out
Notes
1. The sector protect and sector unprotect functions may also be implemented via programming equipment. See High Voltage Sector
Protection on page 48.
2. WP#/ACC must be high when writing to upper two and lower two sectors.
10.1
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the OE# and appropriate CE# pins (For PL129J -
CE1#/CE2# pins) to VIL. In PL129J, CE1# and CE2# are the power control and select the lower (CE1#) or
upper (CE2#) halves of the device. CE# is the power control. OE# is the output control and gates array data
to the output pins. WE# should remain at VIH.
The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory content occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses
on the device address inputs produce valid data on the device data outputs. Each bank remains enabled for
read access until the command register contents are altered.
Refer to Table 21.3 on page 84 for timing specifications and to Figure 20.3 on page 74 for the timing
diagram. ICC1 in the DC Characteristics table represents the active current specification for reading array
data.
Table 10.1 PL127J Device Bus Operations
Operation
CE#
OE#
WE#
RESET#
WP#/ACC
Addresses
(Amax–A0)
DQ15–
DQ0
Read
L
L
H
H
X
AIN
DOUT
Write
L
H
L
H
X (Note 2)
AIN
DIN
Standby
VIO±0.3 V
X
X
VIO ±0.3 V
X (Note 2)
X
High-Z
Output Disable
L
H
H
H
X
X
High-Z
Reset
X
X
X
L
X
X
High-Z
Temporary Sector Unprotect
(High Voltage)
XX
X
VID
XAIN
DIN
Table 10.2 PL129J Device Bus Operations
Operation
CE1#
CE2#
OE#
WE#
RESET#
WP#/ACC
Addresses
(A21–A0)
DQ15–
DQ0
Read
LH
LH
H
X
AIN
DOUT
HL
Write
LH
HL
H
X
(Note 2)
AIN
DIN
HL
Standby
VIO±
0.3 V
VIO ±
0.3 V
XX
VIO ±
0.3 V
X
X
High-Z
Output Disable
L
L
H
H
H
X
X
High-Z
Reset
X
X
X
X
L
X
X
High-Z
Temporary Sector Unprotect
(High Voltage)
XX
X
X
VID
XAIN
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com