Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 12 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 12 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 8Page - SPANSION S29PL-J55BAI011 Datasheet HTML 9Page - SPANSION S29PL-J55BAI011 Datasheet HTML 10Page - SPANSION S29PL-J55BAI011 Datasheet HTML 11Page - SPANSION S29PL-J55BAI011 Datasheet HTML 12Page - SPANSION S29PL-J55BAI011 Datasheet HTML 13Page - SPANSION S29PL-J55BAI011 Datasheet HTML 14Page - SPANSION S29PL-J55BAI011 Datasheet HTML 15Page - SPANSION S29PL-J55BAI011 Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
10
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
Notes
1. Please contact the factory for PL129J availability.
2. Please contact the factory for availability.
3.
Product Selector Guide
Note
Contact factory for availability
Valid Combinations for BGA Packages
Order Number (Note 1)
Speed (ns)
VIO Range
PL129J, PL127J,PL064J, PL032J
55, 60, 65, 70
2.7–3.6
PL129J, PL127J
65, 70
1.65–1.95
Valid Combinations for TSOP Packages
Order Number
Speed (ns)
VIO Range
S29PL127J
55, 60, 70
2.7–3.6
Part Number
→
S29PL032J/S29PL064J/S29PL0127J/S29PL129J
Speed Option
VCC,VIO = 2.7 V – 3.6 V
55
(See Note)
60
65
—
—
70
VCC = 2.7 V – 3.6 V,
VCC = 1.65 V – 1.95 V
(PL127J and PL129J only)
——
—
65
70
—
Max Access Time, ns (tACC)
55
(See Note)
60
25
65
70
70
Max CE# Access, ns (tCE)
Max Page Access, ns (tPACC)
2
(See Note)
25
25
30
30
Max OE# Access, ns (tOE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com