Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 42 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 42 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 38Page - SPANSION S29PL-J55BAI011 Datasheet HTML 39Page - SPANSION S29PL-J55BAI011 Datasheet HTML 40Page - SPANSION S29PL-J55BAI011 Datasheet HTML 41Page - SPANSION S29PL-J55BAI011 Datasheet HTML 42Page - SPANSION S29PL-J55BAI011 Datasheet HTML 43Page - SPANSION S29PL-J55BAI011 Datasheet HTML 44Page - SPANSION S29PL-J55BAI011 Datasheet HTML 45Page - SPANSION S29PL-J55BAI011 Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
40
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
To access the autoselect codes in-system, the host system can issue the autoselect command via the
command register, as shown in Table 15.1 on page 62. This method does not require VID. Refer to the
Autoselect Command Sequence on page 56 for more information.
Legend
L = Logic Low = VIL, H = Logic High = VIH, BA = Bank Address, SA = Sector Address, X = Don’t care.
Note
When Polling the Secured Silicon indicator bit the Bank Address (BA) should be set within the address range 004000h-03FFFFh.
Legend
L = Logic Low = VIL, H = Logic High = VIH, BA = Bank Address, SA = Sector Address, X = Don’t care.
Note
1. When Polling the Secured Silicon indicator bit the A21 to A12 should be set within the address range 004000h-03FFFFh.
2. The autoselect codes may also be accessed in-system by using the command sequences
Table 10.10 Autoselect Codes (High Voltage Method)
Description
CE#
OE#
WE#
Amax
to
A12
A10
A9
A8
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ15
to DQ0
Manufacturer ID:
Spansion products
LL
H
BA
X
VI
D
X
L
L
X
LLLL
0001h
Read Cycle 1
L
LH
BA
X
VI
D
XL
L
L
LLL
H
227Eh
Read Cycle 2
L
H
H
H
L
2220h (PL127J)
2202h (PL064J)
220Ah (PL032J)
Read Cycle 3
L
H
H
H
H
2200h (PL127J)
2201h (PL064J)
2201h (PL032J)
Sector Protection
Verification
LL
H
SA
X
VI
D
XL
L
L
L
L
H
L
0001h (protected),
0000h (unprotected)
Secured Silicon
Indicator Bit
(DQ7, DQ6)
LL
H
BA
(See Note)
X
VI
D
XX
L
X
L
L
H
H
DQ7=1
(factory locked),
DQ6=1
(factory and
customer locked)
Table 10.11 Autoselect Codes for PL129J
Description
CE1#
CE2#
OE#
WE#
A21
to
A12
A10
A9
A8
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ15
to DQ0
Manufacturer ID:
Spansion
products
LH
LH
X
X
VI
D
X
L
L
X
L
L
L
L
0001h
HL
Read
Cycle 1
LH
LH
X
X
VI
D
X
LLL
LLL
H
227Eh
HL
Read
Cycle 2
LH
H
H
H
L
2221h
HL
Read
Cycle 3
LH
H
H
H
H
2200h
HL
Sector Protection
Verification
LH
LH
SA
X
VI
D
X
LLL
LL
H
L
0001h
(protected),
0000h
(unprotected)
HL
Secured Silicon
Indicator Bit
(DQ7, DQ6)
LH
LH
X
(Note 1)
X
VI
D
XX
L
X
L
L
H
H
DQ7=1
(factory locked),
DQ6=1
(factory and
customer locked)
HL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com