Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 95 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 95 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 88Page - SPANSION S29PL-J55BAI011 Datasheet HTML 89Page - SPANSION S29PL-J55BAI011 Datasheet HTML 90Page - SPANSION S29PL-J55BAI011 Datasheet HTML 91Page - SPANSION S29PL-J55BAI011 Datasheet HTML 92Page - SPANSION S29PL-J55BAI011 Datasheet HTML 93Page - SPANSION S29PL-J55BAI011 Datasheet HTML 94Page - SPANSION S29PL-J55BAI011 Datasheet HTML 95Page - SPANSION S29PL-J55BAI011 Datasheet HTML 96Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
93
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
Table 29 on page 82
Added Erase Suspend Latency.
Table 32, CE1#/CE2# Timing (S29PL129J only)
Updated table and added a notes section.
Physical Dimensions
Added the VBU056 package.
24.9
Revision A8 (July 29, 2005)
Autoselect Codes (High Voltage Method) Table
Added note: When Polling the SecSi indicator bit the Bank Address (BA) should be set within the address
range 004000h-03FFFFh.
Autoselect Codes for PL129J Table
Added note: When Polling the SecSi indicator bit the A21 to A12 should be set within the address range
004000h-03FFFFh.
Secured Silicon Sector Flash Memory Region
Added sentence: Once the Enter Secured Silicon Sector Command sequence has been entered, the
standard array cannot be accessed until the Exit Secured Silicon Sector command has been entered or the
device has been reset.
Sector Protection Command Definitions Table
Added note 16: Once the Secured Silicon Sector Entry Command sequence has been entered, the standard
array cannot be accessed until the Exit Secured Silicon Sector command has been entered or the device has
been reset.
Valid Combinations
Content the same, tables consolidated to match Ordering Information Descriptions
Connection Diagrams Section
Consolidated Special Package Handling Instructions and put the information before the package/pinout
descriptions.
Added Figure numbers to the connection diagram graphics.
Operating Ranges
Updated operating temperatures.
DC Characteristics Table
Updated VOH parameter.
Erase/Program Operations Table
Added tESL parameter
VBK048—48-Ball Fine-pitch Ball Grid Array 8.15 x 6.15 mm package (PL032J and PL064J)
Updated the product that uses this package from PL127J to PL064J and PL032J
24.10 Revision A9 (September 22, 2006)
64-Ball Fine-Pitch BGA—MCP Compatible—PL127J
Changed ball F9 to A22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com