Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 57 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 57 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 53Page - SPANSION S29PL-J55BAI011 Datasheet HTML 54Page - SPANSION S29PL-J55BAI011 Datasheet HTML 55Page - SPANSION S29PL-J55BAI011 Datasheet HTML 56Page - SPANSION S29PL-J55BAI011 Datasheet HTML 57Page - SPANSION S29PL-J55BAI011 Datasheet HTML 58Page - SPANSION S29PL-J55BAI011 Datasheet HTML 59Page - SPANSION S29PL-J55BAI011 Datasheet HTML 60Page - SPANSION S29PL-J55BAI011 Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
55
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
15. Command Definitions
Writing specific address and data commands or sequences into the command register initiates device
operations. Table 15.1 on page 62 defines the valid register command sequences. Writing incorrect
address and data values or writing them in the improper sequence may place the device in an unknown
state. A reset command is then required to return the device to reading array data.
All addresses are latched on the falling edge of WE# or CE# (CE1# / CE2# in PL129J), whichever happens
later. All data is latched on the rising edge of WE# or CE# (CE1# / CE2# in PL129J), whichever happens first.
Refer to AC Characteristic on page 72 for timing diagrams.
15.1
Reading Array Data
The device is automatically set to reading array data after device power-up. No commands are required to
retrieve data. Each bank is ready to read array data after completing an Embedded Program or Embedded
Erase algorithm.
After the device accepts an Erase Suspend command, the corresponding bank enters the erase-suspend-
read mode, after which the system can read data from any non-erase-suspended sector within the same
bank. The system can read array data using the standard read timing, except that if it reads at an address
within erase-suspended sectors, the device outputs status data. After completing a programming operation in
the Erase Suspend mode, the system may once again read array data with the same exception. See Erase
Suspend/Erase Resume Commands on page 60 for more information.
After the device accepts a Program Suspend command, the corresponding bank enters the program-
suspend-read mode, after which the system can read data from any non-program-suspended sector within
the same bank. See Program Suspend/Program Resume Commands on page 61 for more information.
The system must issue the reset command to return a bank to the read (or erase-suspend-read) mode if DQ5
goes high during an active program or erase operation, or if the bank is in the autoselect mode. See the next
section, Reset Command on page 56, for more information.
See also Requirements for Reading Array Data on page 20 for more information. The table AC Characteristic
on page 72 provides the read parameters, and Figure 16.2 on page 66 shows the timing diagram.
4Fh
0001h
Top/Bottom Boot Sector Flag
00h = Uniform device, 01h = Both top and bottom boot with write protect,
02h = Bottom Boot Device, 03h = Top Boot Device,
04h = Both Top and Bottom
50h
0001h
Program Suspend
0 = Not supported, 1 = Supported
57h
0004h
Bank Organization
00 = Data at 4Ah is zero, X = Number of Banks
58h
0027h (PL127J)
0027h (PL129J)
0017h (PL064J)
000Fh (PL032J)
Bank 1 Region Information
X = Number of Sectors in Bank 1
59h
0060h (PL127J)
0060h (PL129J)
0030h (PL064J)
0018h (PL032J)
Bank 2 Region Information
X = Number of Sectors in Bank 2
5Ah
0060h (PL127J)
0060h (PL129J)
0030h (PL064J)
0018h (PL032J)
Bank 3 Region Information
X = Number of Sectors in Bank 3
5Bh
0027h (PL127J)
0027h (PL129J)
0017h (PL064J)
000Fh (PL032J)
Bank 4 Region Information
X = Number of Sectors in Bank 4
Table 14.4 Primary Vendor-Specific Extended Query (Continued)
Addresses
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com