Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 25Page - Richtek Technology Corporation RT9758 Datasheet HTML 26Page - Richtek Technology Corporation RT9758 Datasheet HTML 27Page - Richtek Technology Corporation RT9758 Datasheet HTML 28Page - Richtek Technology Corporation RT9758 Datasheet HTML 29Page - Richtek Technology Corporation RT9758 Datasheet HTML 30Page - Richtek Technology Corporation RT9758 Datasheet HTML 31Page - Richtek Technology Corporation RT9758 Datasheet HTML 32Page - Richtek Technology Corporation RT9758 Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
29
Register Address : 0x0E, Register Name : CTRL_5
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
AUTO_
RECOVERY_
EN
1
N
Y
RW
Enable or disable auto recovery after OVP
status be released. This bit is only effective in
bypass mode.
0 : Force standby mode
1 : Enable AUTO_RECOVERY when the fault
condition has been released. (default)
6:4
WDT
100
N
Y
RW
Watchdog timer setting.
000 : 3.75s
001 : 7.5s
010 : 11.25s
011 : 15s
100 : 30s (default)
101 : 60s
110 : 90s
111 : 120s
3
WDT_EN
0
N
Y
RW
Watchdog Enable.
0 : Disable (default)
1 : Enable
2
OVERRIDE_
WRX_OK_PIN
_LOW
0
N
Y
RW
Enable or disable override function to change
status of WRX_OK pin from high to low or
from low to high as long as WRX_IN >
WRX_INSERT and WRX_OK_EN = 1.
0 : Disable
(Status of WRX_OK pin changes from low to
high once the bit is rest to 0 from 1.) (default)
1 : Enable override
(The status of WRX_OK pin is changed from
high to low manually.)
1
WRX_OK_EN
1
N
Y
RW
Enable or disable WRX_OK pin function.
0 : Disable
1 : Enable (default)
0
WRX_OK_
PSM
0
N
Y
RW
Enable or disable WRX_OK pin function in
present mode.
0 : Disable (default)
1 : Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com