Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 6Page - Richtek Technology Corporation RT9758 Datasheet HTML 7Page - Richtek Technology Corporation RT9758 Datasheet HTML 8Page - Richtek Technology Corporation RT9758 Datasheet HTML 9Page - Richtek Technology Corporation RT9758 Datasheet HTML 10Page - Richtek Technology Corporation RT9758 Datasheet HTML 11Page - Richtek Technology Corporation RT9758 Datasheet HTML 12Page - Richtek Technology Corporation RT9758 Datasheet HTML 13Page - Richtek Technology Corporation RT9758 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
10
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PWM Frequency
Charge Switch Frequency
fSW
Select by register 0x0F[5:3] =
111
1350
1500
1650
kHz
Select by register 0x0F[5:3] =
110
900
1000
1100
Select by register 0x0F[5:3] =
011
765
900
1035
Select by register 0x0F[5:3] =
101
675
750
825
Select by register 0x0F[5:3] =
010
510
600
690
Select by register 0x0F[5:3] =
100, default
450
500
550
Select by register 0x0F[5:3] =
001
382.5
450
517.5
Select by register 0x0F[5:3] =
000
255
300
345
Protection
VOUT OVP Range
VOUT_OVP_RAN
Rising
7
--
14
V
VOUT OVP Step Size
VOUT_OVP_SIZE
--
1
--
V
VOUT OVP Accuracy
VOUT_OVP_ACC
−1.5
--
1.5
%
VOUT OVP Deglitch Time tVOUT_OVP_DEG
--
4
--
s
WRX_IRE OCP Range
IWRX_IRE_OCP_RAN
Rising
1
--
6
A
WRX_IRE OCP Step Size IWRX_IRE_OCP_SIZE
--
500
--
mA
WRX_IRE OCP Accuracy
IWRX_IRE_OCP_ACC
IWRX_IRE_OCP = 1A to 4A
−5
--
5
%
IWRX_IRE_OCP = 4.5A to 6A
−10
--
10
WRX_IRE OCP Deglitch
Time
tWRX_IRE_OCP_DEG
--
50
--
s
VBUS OVP Range
VBUS_OVP_RAN
Rising
7.25
--
22
V
VBUS OVP Step Size
VBUS_OVP_SIZE
--
250
--
mV
VBUS OVP Accuracy
VBUS_OVP_ACC
VBUS_OVP = 9V to 22V
−2
--
2
%
VBUS OVP Hysteresis
VBUS_OVP_HYS
--
400
--
mV
VBUS OVP Reaction Time tVBUS_OVP_RE
During between VBUS over
VBUS_OVP threshold and device
start to turn off charger,
VBUS_OVP set 1.1 times the
level of VBUS
--
75
--
ns
IBUS OCP Range
IBUS_OCP_RAN
Rising
2
--
6
A
IBUS OCP Step Size
IBUS_OCP_SIZE
--
500
--
mA
IBUS OCP Accuracy
IBUS_OCP_ACC
In bypass mode
−10
--
10
%
In DIV2 mode, fSW = 500kHz,
IBUS_OCP = 2A to 3A
−15
--
15
IBUS OCP Deglitch
tIBUS_OCP_DEG
--
--
100
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com