Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 7Page - Richtek Technology Corporation RT9758 Datasheet HTML 8Page - Richtek Technology Corporation RT9758 Datasheet HTML 9Page - Richtek Technology Corporation RT9758 Datasheet HTML 10Page - Richtek Technology Corporation RT9758 Datasheet HTML 11Page - Richtek Technology Corporation RT9758 Datasheet HTML 12Page - Richtek Technology Corporation RT9758 Datasheet HTML 13Page - Richtek Technology Corporation RT9758 Datasheet HTML 14Page - Richtek Technology Corporation RT9758 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
11
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VOUT_ERR Detect Level
tVOUT_ERR
VBUS = 5V, in Bypass or DIV2
mode
0.8
1
1.2
V
VOUT_ERR Off Time
tVOUT_ERR_OFF_TIME
Only active in Bypass mode,
select by register 0x11[1] = 0,
default
36
40
44
ms
Only active in Bypass mode,
select by register 0x11[1] = 1
72
80
88
CFLY_DIAG Detect Level
VCFLY_DIAG
Detect CFL pin voltage when
CFLY pre-charge is finished in
DIV2 mode or reverse DIV2
mode.
0.8
1
1.2
V
Thermal Shutdown
Threshold
TDIE_OTP_TH
--
140
--
°C
Thermal Shutdown
Hysteresis
TDIE_OTP_HYS
--
20
--
°C
Thermal Shutdown
Deglitch Time
tTDIE_DEG
Rising/Falling
--
10
--
ms
VBUS_LOW_ERR
Accuracy
VBUS_LOW_ERR_ACC
VBUS_LOW_ERR = VBUS/VOUT,
falling threshold for device can
start reverse DIV2 mode but can't
start DIV2 mode.
1.95
1.975
2
V/V
VBUS_LOW_ERR = VBUS/VOUT,
falling threshold for device can
start reverse bypass mode but
can't start bypass mode
0.98
0.99
1
VBUS_LOW_ERR
Hysteresis
VBUS_LOW_ERR_HYS
VBUS_LOW_ERR rising hysteresis
for device can start DIV2 mode
but can't start reverse DIV2
mode.
--
--
0.025
V/V
VBUS_LOW_ERR rising hysteresis
for device can start bypass mode
but can't start reverse bypass
mode.
--
--
0.018
VBUS LOW ERR Deglitch tVBUS_LOW_ERR_DEG
--
--
15
s
Converter OCP Threshold ICON_OCP_TH
fSW = 500kHz, VBUS = 10V
10.8
12
13.2
A
Function Threshold and Accuracy
VOUT Pre-Charge
Current Range
IOUT_PRE_CHG_RAN
Default = 500mA per phase
330
--
660
mA
VOUT Pre-Charge
Current Accuracy
IOUT_PRE_CHG_ACC
VBUS = 9.5V, in DIV2 single
phase mode, PRECHARGE_
CURRENT = 500mA
−20
--
20
%
VOUT Pre-Charge Timing
tVOUT_PRE_CHG
Select by register 0x11[3:2] = 00
--
0.5
--
ms
Select by register 0x11[3:2] = 01
--
1
--
Select by register 0x11[3:2] = 10,
default
--
2
--
Select by register 0x11[3:2] = 11
--
4
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com