Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 52 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 52 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 48Page - Richtek Technology Corporation RT9758 Datasheet HTML 49Page - Richtek Technology Corporation RT9758 Datasheet HTML 50Page - Richtek Technology Corporation RT9758 Datasheet HTML 51Page - Richtek Technology Corporation RT9758 Datasheet HTML 52Page - Richtek Technology Corporation RT9758 Datasheet HTML 53Page - Richtek Technology Corporation RT9758 Datasheet HTML 54Page - Richtek Technology Corporation RT9758 Datasheet HTML 55Page - Richtek Technology Corporation RT9758 Datasheet HTML 56Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
52
Table 10. Phase Angle in 4 Operation Modes with Different Configuration
Operation Mode
Configuration
Phase_A_ANGLE
Phase_B_ANGLE
DIV2 mode
Standalone
0°
180°
DIV2 mode
Master
0°
180°
DIV2 mode
Slave
90°
270°
Reverse DIV2 mode
Standalone
0°
180°
Reverse DIV2 mode
Master
0°
180°
Reverse DIV2 mode
Slave
90°
270°
Bypass mode
NA
Don
’t care
Don
’t care
Reverse Bypass mode
NA
Don
’t care
Don
’t care
The Table 11 shows the related configuration of 4 operation modes in parallel application. The users must follow the
rule before normal operation. For example, the SYNC_SLAVE_EN bit set to 0, OPERATION_MODE_SELECTION
bit set to 1 and REVERSE_MODE_EN bit set to 0 in DIV2 mode with master configuration is required. For especially,
in reverse DIV2 mode with salve configuration, the REVERSE_MODE_EN bit should be set to 0 for normal soft-start
sequence.
Table 11. Configuration of 4 Operation Modes in Parallel Application
(Note 10)
Mode
Configuration
SYNC_SLAVE_EN
bit
OPERATION_MODE_SELECTION
bit
REVERSE_MODE_
EN bit
Bypass
Master
0
0
0
Slave
1
0
0
Reverse
Bypass
Master
0
0
1
Slave
1
0
1
DIV2 mode
Master
0
1
0
Slave
1
1
0
Reverse
DIV2
Master
0
1
1
Slave
1
1
0 (Note 11)
In parallel application, SYNC_FUNCTION_EN bit must be set to 1.
In case of reverse DIV2 mode with slave configuration, the REVERSE_MODE_EN bit will be forced to 0 when SYNC_
FUNCTION_EN bit = 1 and the SYNC pin receives synchronization pulses from master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com