Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 50 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 50 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 46Page - Richtek Technology Corporation RT9758 Datasheet HTML 47Page - Richtek Technology Corporation RT9758 Datasheet HTML 48Page - Richtek Technology Corporation RT9758 Datasheet HTML 49Page - Richtek Technology Corporation RT9758 Datasheet HTML 50Page - Richtek Technology Corporation RT9758 Datasheet HTML 51Page - Richtek Technology Corporation RT9758 Datasheet HTML 52Page - Richtek Technology Corporation RT9758 Datasheet HTML 53Page - Richtek Technology Corporation RT9758 Datasheet HTML 54Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
50
S
0
1
A
P
LSB
MSB
A
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
A
Data for Address = m + 1
S
0
P
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
Data for Address = m + 1
Sr
Slave Address
Register Address
Slave Address
Data 1
R/W
R/W
Data N
LSB
MSB
A
A
A
A
A
A
A
A
Read N bytes of data from Registers
LSB
MSB
Data 2
Data N
LSB
MSB
LSB
Slave Address
Register Address
Data 1
Data 2
MSB
MSB
LSB
Write N bytes of data to Registers
Driven by Master,
Driven by Slave,
Start,
Repeat Start
Stop,
S
Sr
P
S
0
1
A
P
LSB
MSB
Assume Address = m
Data for Address = m
Sr
Slave Address
Register Address
Slave Address
Data
R/W
A
A
A
Read single byte of data from Register
S
0
P
Assume Address = m
Data for Address = m
R/W
A
A
A
Slave Address
Register Address
Data
MSB
LSB
Write single byte of data to Register
Figure 12. Read and Write Function
Interrupt (INT), STAT, FLAG AND MASK
The INT pin is an open drain structure; users should connect a supply voltage via a current source or pull-up resistors
on the pin. When the device triggers an event, the INT pin will pull low for tINT_PULL_LOW to notify host. The register
map shows all state, flag and control bit of the device.
When the device triggers the event with FLAG, it will send an INT signal to host and set the FLAG bit to 1. The FLAG
bit can be cleared after read. The device will not send another INT signal until the FLAG is cleared and a new event
occurs again. The MASK bit can disable INT pin to send a signal to host. The STAT and FLAG bit are still updated
even though the MASK bit is set to 1.
The STAT bits show current statue of the device and are updated as the status change. All of STAT bits will not send
INT signal to system when the STAT bit is triggered.
Spread Spectrum
The device integrated spread spectrum function for users to optimize the EMI influence on system design. The device
switching frequency is decided by 0x0F[5:3] bit. The spectral density will concentrate on the switching frequency.
Users can enable the spread spectrum function by set 0x0F[6] bit. After the spread spectrum function is enabled, the
device will modulate the switching frequency for ±6% to reduce the spectral density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com