Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 18Page - Richtek Technology Corporation RT9758 Datasheet HTML 19Page - Richtek Technology Corporation RT9758 Datasheet HTML 20Page - Richtek Technology Corporation RT9758 Datasheet HTML 21Page - Richtek Technology Corporation RT9758 Datasheet HTML 22Page - Richtek Technology Corporation RT9758 Datasheet HTML 23Page - Richtek Technology Corporation RT9758 Datasheet HTML 24Page - Richtek Technology Corporation RT9758 Datasheet HTML 25Page - Richtek Technology Corporation RT9758 Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
22
Register Address : 0x03, Register Name : FLAG_3
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
IBUS_OCP_
FLAG
0
N
N
RC
Set 1 and send an INT when IBUS current over
than IBUS_OCP threshold. Clear upon read.
0 : Normal
1 : IBUS_OCP has occurred.
6
WRX_IRE_
OCP_FLAG
0
N
N
RC
Set 1 and send an INT when current that from
VBUS to WRX_IN over than WRX_IRE_OCP
threshold. Clear upon read.
0 : Normal
1 : WRX_IRE_OCP has occurred.
5:0
Reserved
000000
NA
NA
NA
Reserved
Register Address : 0x04, Register Name : IC_STAT
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:3
Reserved
00000
NA
NA
NA
Reserved
2:0
IC_STAT
000
N
Y
R/W
Indicate converter operation status
000 : Present mode
(default)
001 : Standby mode
010 : Forward DIV2 mode
011 : Forward bypass mode
100 : Reverse DIV2 mode
101 : Reverse bypass mode
110 : Charge Fault
111 : Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com