Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 41 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 41 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 37Page - Richtek Technology Corporation RT9758 Datasheet HTML 38Page - Richtek Technology Corporation RT9758 Datasheet HTML 39Page - Richtek Technology Corporation RT9758 Datasheet HTML 40Page - Richtek Technology Corporation RT9758 Datasheet HTML 41Page - Richtek Technology Corporation RT9758 Datasheet HTML 42Page - Richtek Technology Corporation RT9758 Datasheet HTML 43Page - Richtek Technology Corporation RT9758 Datasheet HTML 44Page - Richtek Technology Corporation RT9758 Datasheet HTML 45Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
41
Protection Feature
The RT9758 integrates 9 protections to protect device charging in unexpected condition. These protections are
established in bypass mode, reverse bypass mode, DIV2 mode and reverse DIV2 mode. The Table 2 shows the
related configuration of 4 operation modes. For example, only just let EN pin pull to high or floating, the RT9758 will
operate in present mode for low quiescent current application. If let EN pin pull to GND and set CHG_EN bit to 0, the
RT9758 will entry standby mode. And if EN pin pull to GND and set CHG_EN bit to 1, the operation mode is decided
by OPERATION_MODE_SELECTION bit and REVERSE_MODE_EN bit setting.
About protections that is established in RT9758, the Table 3, Table 4, Table 5 and Table 6 shows the protect function
activation list in each mode. In Table 3
, “Stop charge” means the device will stop charge but the CHG_EN bit still
keep 1, so the device will soft-start again immediately if VBUS_LOW_ERR status is meet the rule and VBUS is exist.
Table 2. Configuration of 4 Operation Modes
Mode
EN Pin
CHG_EN
bit
OPERATION_MODE_SELECTION
bit
REVERSE_MODE_EN
bit
Present
H/Floating
X
X
X
Standby
L
0
X
X
Bypass
L
1
0
0
Reverse Bypass
L
1
0
1
DIV2 mode
L
1
1
0
Reverse DIV2
L
1
1
1
Table 3. Protection Function Activation List in Bypass Mode
Protection Function
Protection Method
VOUT_OVP
(Note 6)
1. Stop charge until fault release over 21m/100msec deglitch time (default)
2. Reset CHG_EN = 0
VBUS_OVP
(Note 6)
1. Stop charge until fault release over 21m/100msec deglitch time (default)
2. Reset CHG_EN = 0
IBUS_OCP
Stop charge
WRX_IRE_OCP
Set Q0_CONTROL = 00 (Note 7)
VOUT_ERR
Hiccup (Note 8)
TDIE_OTP
Reset CHG_EN = 0
CFLY_DIAG
Not active
CON_OCP
Stop charge
VBUS_LOW_ERR
Can't do soft-start until VBUS_LOW_ERR = 0 (Note 9)
Protection Method depends on AUTO_RECOVERY_EN bit and IN_VALID_RECOVERY_DEGLITCH bit.
The WRX_IRE_OCP only active while Q0 is turned on.
Hiccup off time depends on VOUT_ERR_OFF_TIME bit.
VBUS_LOW_ERR only active before converter soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com