Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 11Page - Richtek Technology Corporation RT9758 Datasheet HTML 12Page - Richtek Technology Corporation RT9758 Datasheet HTML 13Page - Richtek Technology Corporation RT9758 Datasheet HTML 14Page - Richtek Technology Corporation RT9758 Datasheet HTML 15Page - Richtek Technology Corporation RT9758 Datasheet HTML 16Page - Richtek Technology Corporation RT9758 Datasheet HTML 17Page - Richtek Technology Corporation RT9758 Datasheet HTML 18Page - Richtek Technology Corporation RT9758 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
15
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Watchdog Reset Wait
Time
tWDT_WAIT
--
32
--
ms
I2C Characteristics
SCL, SDA High-Level
Input Threshold Voltage
VIH_I2C
1.5
--
--
V
SCL, SDA Low-Level
Input Threshold Voltage
VIL_I2C
--
--
0.4
V
SCL Clock Frequency
fCLK
Standard-mode
--
--
100
kHz
Fast-mode
--
--
400
Fast-mode plus
--
--
1000
High-speed mode Cb = 400pF
--
--
1.7
MHz
High-speed mode Cb = 100pF
--
--
3.4
Bus Free Time between
Stop and Start Condition
tBUF
Standard-mode
4.7
--
--
s
Fast-mode
1.3
--
--
Fast-mode plus
0.5
--
--
(Repeated) Start Hold
Time
tHD;STA
Standard-mode
4
--
--
s
Fast-mode
0.6
--
--
Fast-mode plus
0.26
--
--
High-speed mode Cb = 400pF
160
--
--
High-speed mode Cb = 100pF
160
--
--
(Repeated) Start Setup
Time
tSU;STA
Standard-mode
4.7
--
--
s
Fast-mode
0.6
--
--
Fast-mode Plus
0.26
--
--
High-speed mode Cb = 400 pF
160
--
--
ns
High-speed mode Cb = 100 pF
160
--
--
STOP Condition Setup
Time
tSU;STO
Standard-mode
4
--
--
s
Fast-mode
0.6
--
--
Fast-mode plus
0.26
--
--
High-speed mode Cb = 400pF
160
--
--
ns
High-speed mode Cb = 100pF
160
--
--
SDA Data Hold Time
tHD;DAT
Standard-mode
0.1
--
--
ns
Fast-mode
0.1
--
--
Fast-mode plus
0.1
--
--
High-speed mode Cb = 400pF
0.1
--
150
High-speed mode Cb = 100pF
0.1
--
70
SDA Valid Acknowledge
Time
tVD;ACK
Standard-mode
--
--
3.45
s
Fast-mode
--
--
0.9
Fast-mode plus
--
--
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com