Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 29Page - Richtek Technology Corporation RT9758 Datasheet HTML 30Page - Richtek Technology Corporation RT9758 Datasheet HTML 31Page - Richtek Technology Corporation RT9758 Datasheet HTML 32Page - Richtek Technology Corporation RT9758 Datasheet HTML 33Page - Richtek Technology Corporation RT9758 Datasheet HTML 34Page - Richtek Technology Corporation RT9758 Datasheet HTML 35Page - Richtek Technology Corporation RT9758 Datasheet HTML 36Page - Richtek Technology Corporation RT9758 Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
33
Register Address : 0x12, Register Name : CTRL_9
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
DISABLE_
VOUT_OVP
0
Y
Y
RW
Enable or disable VOUT_OVP function.
0 : Enable (default)
1 : Disable
6
DISABLE_
VBUS_OVP
0
Y
Y
RW
Enable or disable VBUS_OVP function.
0 : Enable (default)
1 : Disable
5
DISABLE_
TDIE_OTP
0
Y
Y
RW
Enable or disable TDIE_OTP function.
0 : Enable (default)
1 : Disable
4
DISABLE_
IBUS_OCP
0
Y
Y
RW
Enable or disable IBUS_OCP function.
0 : Enable (default)
1 : Disable
3
DISABLE_
WRX_IRE_
OCP
0
Y
Y
RW
Enable or disable WRX_IRE_OCP function.
0 : Enable (default)
1 : Disable
2
REG_RST
0
N
Y
RWSC
Register reset
0 : No action (default)
1 : Reset register
(Notice : Back to 0 after register reset)
1:0
Reserved
00
NA
NA
NA
Reserved
Register Address : 0x13, Register Name : CTRL_10
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:2
Reserved
000000
NA
NA
NA
Reserved
1
VOUT_PD_EN
0
N
Y
RW
Once VOUT_PD_EN = 1 is set, the Enable
state remains valid until the user changes it to
0 (Disable) or changes REG_RST 0x12[2] or
the IC is reset even if CHG_EN = 0.
Enable pull down resistor for discharge VOUT
voltage
0 : Not discharge (default)
1 : Enable discharge
0
Reserved
0
NA
NA
NA
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com