Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 2Page - Richtek Technology Corporation RT9758 Datasheet HTML 3Page - Richtek Technology Corporation RT9758 Datasheet HTML 4Page - Richtek Technology Corporation RT9758 Datasheet HTML 5Page - Richtek Technology Corporation RT9758 Datasheet HTML 6Page - Richtek Technology Corporation RT9758 Datasheet HTML 7Page - Richtek Technology Corporation RT9758 Datasheet HTML 8Page - Richtek Technology Corporation RT9758 Datasheet HTML 9Page - Richtek Technology Corporation RT9758 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
6
Absolute Maximum Ratings (Note 1)
⚫
Supply Pin Voltage, WRX_IN---------------------------------------------------------------------------------------
−1.4V to 28V
⚫
Supply Pin Voltage, VBUS ------------------------------------------------------------------------------------------
−1.4V to 28V
⚫
Supply Pin Voltage, VOUT ------------------------------------------------------------------------------------------
−1.4V to 16.5V
⚫
Terminal Pin Voltage, BST1, BST2 -------------------------------------------------------------------------------
−0.3V to 34V
⚫
Terminal Pin Voltage, CFH1, CFH2 ------------------------------------------------------------------------------
−0.3V to 24V
⚫
Terminal Pin Voltage, CFL1, CFL2 -------------------------------------------------------------------------------
−0.3V to 16.5V
⚫
Differential Pin Voltage, VBUS to WRX_IN ----------------------------------------------------------------------
−0.3V to 28V
⚫
Differential Pin Voltage, BST to CFH ------------------------------------------------------------------------------
−1V to 24V
⚫
Terminal Pin Voltage, SDA, SCL, INT, EN ----------------------------------------------------------------------
−0.3V to 6V
⚫
Terminal Pin Voltage, ADDR, SYNC, WRX_OK---------------------------------------------------------------
−0.3V to 6V
⚫
Terminal Pin Current, INT ------------------------------------------------------------------------------------------- 0mA to 6mA
⚫
Power Dissipation, PD @ TA = 25
C
WL-CSP-36B 2.74x2.84 (BSC) ------------------------------------------------------------------------------------ 2.88W
⚫
Package Thermal Resistance
(Note 2)
WL-CSP-36B 2.74x2.84 (BSC),
JA ------------------------------------------------------------------------------ 34.7C/W
⚫
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
C
⚫
Junction Temperature ------------------------------------------------------------------------------------------------
−40C to 150C
⚫
Storage Temperature Range ---------------------------------------------------------------------------------------
−65C to 150C
⚫
ESD Susceptibility
(Note 3)
HBM (Human Body Model), per ANSI/ESDA/JEDEC JS-001 ---------------------------------------------- ±2kV
Recommended Operating Conditions (Note 4)
⚫
Supply Input Voltage Range, WRX_IN, VBUS (Bypass Mode) -------------------------------------------- 4V to 13V
⚫
Supply Input Voltage Range, WRX_IN, VBUS (DIV2 Mode) ----------------------------------------------- 7.4V to 21V
⚫
Output Voltage Range, VOUT (Reverse Bypass Mode) ----------------------------------------------------- 4V to 13V
⚫
Output Voltage Range, VOUT (Reverse DIV2 Mode) -------------------------------------------------------- 3.7V to 10.5V
⚫
Positive flying capacitor Voltage Range, CFH1, CFH2 ----------------------------------------------------- 0V to 21V
⚫
Negative flying capacitor Voltage Range, CFL1, CFL2 ----------------------------------------------------- 0V to 10.5V
⚫
Analog Voltage Range, ADDR, SYNC, WRX_OK------------------------------------------------------------ 0V to 5V
⚫
I/O Control Voltage Range, SDA, SCL, INT, EN ------------------------------------------------------------- 0V to 5V
⚫
Charger Current Range, IOUT (DIV2 Mode) ------------------------------------------------------------------ 0A to 6A
⚫
Charger Current Range, IOUT (BYPASS Mode) ------------------------------------------------------------- 0A to 5A
⚫
Ambient Temperature Range -------------------------------------------------------------------------------------
−40C to 85C
⚫
Junction Temperature Range -------------------------------------------------------------------------------------
−40C to 150C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com