Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 8Page - Richtek Technology Corporation RT9758 Datasheet HTML 9Page - Richtek Technology Corporation RT9758 Datasheet HTML 10Page - Richtek Technology Corporation RT9758 Datasheet HTML 11Page - Richtek Technology Corporation RT9758 Datasheet HTML 12Page - Richtek Technology Corporation RT9758 Datasheet HTML 13Page - Richtek Technology Corporation RT9758 Datasheet HTML 14Page - Richtek Technology Corporation RT9758 Datasheet HTML 15Page - Richtek Technology Corporation RT9758 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
12
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CFLY Pre-Charge Current
Range
ICFLY_PRE_CHG_RAN
Default = 500mA per phase
330
--
660
mA
CFLY Pre-Charge Current
Accuracy
ICFLY_PRE_CHG_ACC
VBUS = 9.5V, in DIV2 single
phase mode, PRECHARGE_
CURRENT = 500mA
−20
--
20
%
CFLY Pre-Charge Timing
tCFLY_PRE_CHG
Select by register 0x11[7:6] = 00
--
0.5
--
ms
Select by register 0x11[7:6] = 01
--
1
--
Select by register 0x11[7:6] = 10,
default
--
2
--
Select by register 0x11[7:6] = 11
--
4
--
AT Function Threshold
Range
VAT_FUNCTION_RAN
9
--
12
V
AT Function Threshold
Step Size
VAT_FUNCTION_SIZE
--
0.5
--
V
AT Function Threshold
Accuracy
VAT_FUNCTION_ACC
Rising
−150
--
200
mV
AT Function Hysteresis
VAT_FUNCTION_HYS
Falling
--
400
--
mV
AT Function Deglitch
tAT_FUNCTION_DEG
8
10
12
ms
Synchronize Function
SYNC Output High Level
VOH_SYNC
VBUS = 5V to 21V, synchronize
function enable, master mode
--
4.2
--
V
SYNC Output Low Level
VOL_SYNC
VBUS = 5V to 21V, synchronize
function enable, master mode
−0.3
--
0.3
V
SYNC Duty Cycle
DMAX_SYNC
DIV2 mode, synchronize function
enable, master mode
--
--
50
%
SYNC Frequency
fSW_SYNC
fSW = 500kHz, synchronize
frequency is twice as switching
frequency
900
1000
1100
kHz
SYNC Output Current
Limit
ILIM_SYNC
SYNC pin short, WRX_IN = 10V
--
--
42
mA
Pull Down Resistor
VBUS Pull Down
RVBUS_PD
VBUS = 5V to 12V
--
0.75
--
k
WRX_IN Pull Down
RWRX_IN_PD
WRX_IN = 5V to 12V
--
1
--
k
VOUT Pull Down
RVOUT_PD
VOUT = 5V to 12V
--
0.75
--
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com