Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 9Page - Richtek Technology Corporation RT9758 Datasheet HTML 10Page - Richtek Technology Corporation RT9758 Datasheet HTML 11Page - Richtek Technology Corporation RT9758 Datasheet HTML 12Page - Richtek Technology Corporation RT9758 Datasheet HTML 13Page - Richtek Technology Corporation RT9758 Datasheet HTML 14Page - Richtek Technology Corporation RT9758 Datasheet HTML 15Page - Richtek Technology Corporation RT9758 Datasheet HTML 16Page - Richtek Technology Corporation RT9758 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
13
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Watchdog Time Out
Watchdog Time Out
WDT
No I2C communication for 3.75s,
set by Register 0x0E[6:4] = 000
3
3.75
4.5
sec
No I2C communication for 7.5s,
set by Register 0x0E[6:4] = 001
6
7.5
9
No I2C communication for
11.25s, set by Register 0x0E[6:4]
= 010
9
11.25
13.5
No I2C communication for 15s,
set by Register 0x0E[6:4] = 011
12
15
18
No I2C communication for 30s,
set by Register 0x0E[6:4] = 100,
default
24
30
36
No I2C communication for 60s,
set by Register 0x0E[6:4] = 101
48
60
72
No I2C communication for 90s,
set by Register 0x0E[6:4] = 110
72
90
108
No I2C communication for 120s,
set by Register 0x0E[6:4] = 111
96
120
144
Control Input Pin (EN)
Input High Threshold
Voltage
VIH_EN
1.3
--
--
V
Input Low Threshold
Voltage
VIL_EN
--
--
0.4
V
Input Floating Threshold
Voltage
VIH_EN_FLOATING
EN pin is floating
--
1.7
--
V
Logic Output Pin (INT)
INT Pin Pull Low Time
tINT_PULL_LOW
--
256
--
s
Logic Output Pin (WRX_OK)
WRX_OK Output High
Level
VOH_WRX_OK
WRX_IN > 5V, Q0 turn on
4.8
5
5.2
V
WRX_OK Output Low
Level
VOL_WRX_OK
WRX_IN < WRX_INSERT
−0.3
--
0.3
V
WRX_OK Output Current
Limit
ILIM_WRX_OK
WRX_OK pin short
--
--
42
mA
Address Detection
Input Low Threshold for
Slave Address = 0x50
VIL_ADDRESS
--
--
0.4
V
Input Floating Threshold
for Slave Address = 0x51
VIM_ADDRESS
ADDR pin is floating
--
0.9
--
V
Input High Threshold for
Slave Address = 0x52
VIH_ADDRESS
1.3
--
--
V
Input Leakage Current
ILKG_ADDRESS
ADDR pin = 0V or 1.8V
--
--
5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com