Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 19Page - Richtek Technology Corporation RT9758 Datasheet HTML 20Page - Richtek Technology Corporation RT9758 Datasheet HTML 21Page - Richtek Technology Corporation RT9758 Datasheet HTML 22Page - Richtek Technology Corporation RT9758 Datasheet HTML 23Page - Richtek Technology Corporation RT9758 Datasheet HTML 24Page - Richtek Technology Corporation RT9758 Datasheet HTML 25Page - Richtek Technology Corporation RT9758 Datasheet HTML 26Page - Richtek Technology Corporation RT9758 Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
23
Register Address : 0x05, Register Name : MASK_1
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
CON_OCP_
MASK
1
N
Y
RW
CON_OCP mask.
0 : Not mask IRQ of CON_OCP_FLAG
1 : Mask IRQ of CON_OCP_FLAG (default)
6
CFLY_DIAG_
MASK
1
N
Y
RW
CFLY_DIAG mask.
0 : Not mask IRQ of CFLY_DIAG_FLAG
1 : Mask IRQ of CFLY_DIAG_FLAG (default)
5
VOUT_
INSERT_
MASK
1
N
Y
RW
VOUT_INSERT mask.
0 : Not mask IRQ of VOUT_INSERT_FLAG
1 : Mask IRQ of VOUT_INSERT_FLAG
(default)
4
VBUS_LOW_
ERR_MASK
1
N
Y
RW
VBUS_LOW_ERR mask.
0 : Not mask IRQ of
VBUS_LOW_ERR_FLAG
1 : Mask IRQ of VBUS_LOW_ERR_FLAG
(default)
3
VOUT_ERR_
MASK
1
N
Y
RW
VOUT_ERR mask.
0 : Not mask IRQ of VOUT_ERR_FLAG
1 : Mask IRQ of VOUT_ERR_FLAG (default)
2
WRX_INSERT
_MASK
1
N
Y
RW
WRX_INSERT mask.
0 : Not mask IRQ of WRX_INSERT_FLAG
1 : Mask IRQ of WRX_INSERT_FLAG
(default)
1
SWITCHING_
ENABLED_
MASK
1
N
Y
RW
SWITCHING_ENABLED mask.
0 : Not mask IRQ of
SWITCHING_ENABLED_FLAG
1 : Mask IRQ of
SWITCHING_ENABLED_FLAG (default)
0
VBUS_
INSERT_
MASK
1
N
Y
RW
VBUS_INSERT mask.
0 : Not mask IRQ of VBUS_INSERT_FLAG
1 : Mask IRQ of VBUS_INSERT_FLAG
(default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com