Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 20Page - Richtek Technology Corporation RT9758 Datasheet HTML 21Page - Richtek Technology Corporation RT9758 Datasheet HTML 22Page - Richtek Technology Corporation RT9758 Datasheet HTML 23Page - Richtek Technology Corporation RT9758 Datasheet HTML 24Page - Richtek Technology Corporation RT9758 Datasheet HTML 25Page - Richtek Technology Corporation RT9758 Datasheet HTML 26Page - Richtek Technology Corporation RT9758 Datasheet HTML 27Page - Richtek Technology Corporation RT9758 Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
24
Register Address : 0x06, Register Name : MASK_2
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
VBUS_OVP_
MASK
1
N
Y
RW
VBUS_OVP mask.
0 : Not mask IRQ of VBUS_OVP_FLAG
1 : Mask IRQ of VBUS_OVP_FLAG (default)
6
VOUT_OVP_
MASK
1
N
Y
RW
VOUT_OVP mask.
0 : Not mask IRQ of VOUT_OVP_FLAG
1 : Mask IRQ of VOUT_OVP_FLAG (default)
5:3
Reserved
111
NA
NA
NA
Reserved
2
TDIE_OTP_
EXIT_MASK
1
N
Y
RW
TDIE_OTP_EXIT mask.
0 : Not mask IRQ of TDIE_OTP_EXIT_FLAG
1 : Mask IRQ of TDIE_OTP_EXIT_FLAG
(default)
1
TDIE_OTP_
MASK
1
N
Y
RW
TDIE_OTP mask.
0 : Not mask IRQ of TDIE_OTP_FLAG
1 : Mask IRQ of TDIE_OTP_FLAG (default)
0
WDT_MASK
1
N
Y
RW
Watchdog timeout mask.
0 : Not mask IRQ of WDT_FLAG
1 : Mask IRQ of WDT_FLAG (default)
Register Address : 0x07, Register Name : MASK_3
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
IBUS_OCP_
MASK
1
N
Y
RW
IBUS_OCP mask.
0 : Not mask IRQ of IBUS_OCP_FLAG
1 : Mask IRQ of IBUS_OCP_FLAG (default)
6
WRX_IRE_
OCP_MASK
1
N
Y
RW
WRX_IRE_OCP mask.
0 : Not mask IRQ of WRX_IRE_OCP_FLAG
1 : Mask IRQ of WRX_IRE_OCP_FLAG
(default)
5:0
Reserved
111111
NA
NA
NA
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com