Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 26Page - Richtek Technology Corporation RT9758 Datasheet HTML 27Page - Richtek Technology Corporation RT9758 Datasheet HTML 28Page - Richtek Technology Corporation RT9758 Datasheet HTML 29Page - Richtek Technology Corporation RT9758 Datasheet HTML 30Page - Richtek Technology Corporation RT9758 Datasheet HTML 31Page - Richtek Technology Corporation RT9758 Datasheet HTML 32Page - Richtek Technology Corporation RT9758 Datasheet HTML 33Page - Richtek Technology Corporation RT9758 Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
30
Register Address : 0x0F, Register Name : CTRL_6
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
IN_VALID_
RECOVERY_
DEGLITCH
0
N
Y
RW
This bit only sets the deglitch time of fault
recovery from the OVP event in bypass
mode.
0 : 21ms (default)
1 : 100ms
6
SPREAD_
SPECTRUM
0
N
Y
RW
Adjust switching frequency for EMI reduction.
0 : Normal (default)
1 : Enable spread spectrum
5:3
FSW
100
N
Y
RW
Set switching frequency in DIV2 and reverse
DIV2 mode.
000 : 300kHz
001 : 450kHz
010 : 600kHz
011 : 900kHz
100 : 500kHz (default)
101 : 750kHz
110 : 1000kHz
111 : 1500kHz
2
CHG_EN
1
Y/N
Y
RW
Enable converter (default = 1). If this bit is 0,
converter in standby mode.
If the device operates in bypass mode with
BEHAVIOR_AFTER_WDT bit is 1, this bit will
not be reset by WDT.
0 : Disable
1 : Enable (default)
1
REVERSE_
MODE_EN
0
N
Y
RW
This bit decides converter direction of power
delivery.
If this set to 1 and
OPERATION_MODE_SELECTION set to 1,
converter will operate in reverse DIV2 mode.
If this set to 1 and
OPERATION_MODE_SELECTION set to 0,
converter will operate in reverse bypass
mode.
0 : Converter operate in forward of power
delivery (default)
1 : Converter operate in reverse of power
delivery
0
OPERATION_
MODE_
SELECTION
0
N
Y
RW
This bit selects converter operation mode.
0 : Bypass mode (default)
1 : DIV2 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com