Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 13Page - Richtek Technology Corporation RT9758 Datasheet HTML 14Page - Richtek Technology Corporation RT9758 Datasheet HTML 15Page - Richtek Technology Corporation RT9758 Datasheet HTML 16Page - Richtek Technology Corporation RT9758 Datasheet HTML 17Page - Richtek Technology Corporation RT9758 Datasheet HTML 18Page - Richtek Technology Corporation RT9758 Datasheet HTML 19Page - Richtek Technology Corporation RT9758 Datasheet HTML 20Page - Richtek Technology Corporation RT9758 Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
17
Typical Operating Characteristics
Charge Efficiency vs. Charge Current
95.5
96.0
96.5
97.0
97.5
98.0
98.5
0
1
2
3
4
5
Charge Current (A)
VOUT = 10V
VOUT = 8.8V
VOUT = 8.4V
VOUT = 8V
VOUT = 7.4V
On RT9758_C2-74X2-84_36L_V1 EVB
with fSW = 500kHz, VOUT = 10V
Charge Efficiency vs. Charge Current
95.5
96.0
96.5
97.0
97.5
98.0
98.5
0
1
2
3
4
5
Charge Current (A)
CFLY = 66
F (each phase)
CFLY = 44
F (each phase)
CFLY = 22
F (each phase)
On RT9758_C2-74X2-84_36L_V1 EVB
with fSW = 500kHz, VOUT = 10V
Output Voltage Ripple vs. Charge Current
0
50
100
150
200
250
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Charge Current (A)
VOUT = 10V
VOUT = 8.8V
VOUT = 8.4V
VOUT = 8V
VOUT = 7.4V
On RT9758_C2-74X2-84_36L_V1
EVB with fSW = 500kHz, CFLY =
44
F (each phase), COUT = 22F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com