Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 5Page - Richtek Technology Corporation RT9758 Datasheet HTML 6Page - Richtek Technology Corporation RT9758 Datasheet HTML 7Page - Richtek Technology Corporation RT9758 Datasheet HTML 8Page - Richtek Technology Corporation RT9758 Datasheet HTML 9Page - Richtek Technology Corporation RT9758 Datasheet HTML 10Page - Richtek Technology Corporation RT9758 Datasheet HTML 11Page - Richtek Technology Corporation RT9758 Datasheet HTML 12Page - Richtek Technology Corporation RT9758 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
9
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VOUT Quiescent Current
IOUT_IQ_PRESENT
EN = 1.8V, VOUT = 7.4V,
WRX_IN = 0V, Q0 turn off, all of
pull down resistor disable, WDT
disable,
TA = 25°C
--
15
22
A
EN = 1.8V, VOUT = 7.4V,
WRX_IN = 0V, Q0 turn off, all of
pull down resistor disable, WDT
disable,
TA = −40°C to 85°C
--
--
35
IOUT_IQ_STANDBY
EN = 0V, VOUT = 7.4V, WRX_IN
= 0V, Q0 turn off, all of pull down
resistor disable, WDT disable,
CHG_EN = 0,
TA = 25°C
--
--
300
A
EN = 0V, VOUT = 7.4V, WRX_IN
= 0V, Q0 turn off, all of pull down
resistor disable, WDT disable,
CHG_EN = 0,
TA = −40°C to 85°
--
--
350
VDDA UVLO Threshold
VDDA_UVLO_TH
VDDA rising, EN = 0V
--
2.6
--
V
VDDA UVLO Hysteresis
VDDA_UVLO_HY
VDDA falling, EN = 0V
--
0.6
--
V
WRX_IN Insert Threshold
VWRX_IN_INSERT_TH
WRX_IN rising
3
3.1
3.2
V
WRX_IN Insert Threshold
Deglitch Time
tWRX_IN_INSERT_DEG
--
3
--
s
WRX_IN Insert Hysteresis VWRX_IN_INSERT_HY
WRX_IN falling
50
150
250
mV
VBUS Insert Threshold
VBUS_INSERT_TH
VBUS rising
3
3.1
3.2
V
VBUS Insert Threshold
Deglitch Time
tVBUS_INSERT_DEG
--
3
--
s
VBUS Insert Hysteresis
VBUS_INSERT_HY
VBUS falling
50
150
250
mV
VOUT Insert Threshold
VOUT_INSERT_TH
VOUT rising
3.3
3.5
3.7
V
VOUT Insert Threshold
Deglitch Time
tVOUT_INSERT_DEG
--
3
--
s
VOUT Insert Hysteresis
VOUT_INSERT_HY
VOUT falling
180
200
235
mV
Cap Divider and Bypass Mode On-Resistance
Q0 RON
RQ0
WRX_IN = 3.1V to 21V, Charge
enable
--
25
35
m
Q11, Q21 RON
RQ11, RQ21
VOUT = 3.5V to 10.5V,
in DIV2 mode
--
35
49
m
Q12, Q22 RON
RQ12, RQ22
VOUT = 3.5V to 10.5V,
in DIV2 mode
--
25
35
m
Q13, Q23 RON
RQ13, RQ23
VOUT = 3.5V to 10.5V,
in DIV2 mode
--
25
35
m
Q14, Q24 RON
RQ14, RQ24
VOUT = 3.5V to 10.5V,
in DIV2 mode
--
25
35
m
Bypass RON
(RQ11 + RQ12
),
(RQ21 + RQ22
)
VOUT = 3.5V to 14V,
in Bypass mode
--
30
40
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com