Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 3Page - Richtek Technology Corporation RT9758 Datasheet HTML 4Page - Richtek Technology Corporation RT9758 Datasheet HTML 5Page - Richtek Technology Corporation RT9758 Datasheet HTML 6Page - Richtek Technology Corporation RT9758 Datasheet HTML 7Page - Richtek Technology Corporation RT9758 Datasheet HTML 8Page - Richtek Technology Corporation RT9758 Datasheet HTML 9Page - Richtek Technology Corporation RT9758 Datasheet HTML 10Page - Richtek Technology Corporation RT9758 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
7
Electrical Characteristics
(TA = 25C, unless otherwise specified)
(Note 5)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Select and Source
VBUS Quiescent Current
IBUS_IQ_PRESENT
EN = 1.8V, VBUS = 5.5V,
VOUT = 0V, WRX_IN = 0V, Q0
turn off, all of pull down resistor
disable, WDT disable,
TA = 25°C
--
15
22
A
EN = 1.8V, VBUS = 5.5V,
VOUT = 0V, WRX_IN = 0V, Q0
turn off, all of pull down resistor
disable, WDT disable,
TA =
−40°C to 85°C
--
--
35
IBUS_IQ_STANDBY
EN = 0V, VBUS = 5.5V,
VOUT = 0V, WRX_IN = 0V, Q0
turn off, all of pull down resistor
disable, WDT disable, CHG_EN
= 0,
TA = 25°C
--
--
300
A
EN = 0V, VBUS = 5.5V,
VOUT = 0V, WRX_IN = 0V, Q0
turn off, all of pull down resistor
disable, WDT disable, CHG_EN
= 0,
TA = −40°C to 85°C
--
--
350
IBUS_IQ_DIV2
EN = 0V, VBUS = 20V,
VOUT = 0V, WRX_IN = 0V, Q0
turn off, all of pull down resistor
disable, WDT disable, CHG_EN
= 1, in DIV2 Mode,
TA = 25°C
--
--
12
mA
EN = 0V, VBUS = 20V,
VOUT = 0V, WRX_IN = 0V, Q0
turn off, all of pull down resistor
disable, WDT disable, CHG_EN
= 1, in DIV2 Mode,
TA = −40°C to
85°C
--
--
13.2
IBUS_IQ_BYPASS
EN = 0V, VBUS = 5.5V,
VOUT = 0V, WRX_IN = 0V, Q0
turn off, all of pull down resistor
disable, WDT disable, CHG_EN
= 1, in Bypass Mode,
TA = 25°C
--
1.65
--
mA
EN = 0V, VBUS = 5.5V,
VOUT = 0V, WRX_IN = 0V, Q0
turn off, all of pull down resistor
disable, WDT disable, CHG_EN
= 1, in Bypass Mode,
TA = −40°C
to 85°C
--
--
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com