Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 44 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 44 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 40Page - Richtek Technology Corporation RT9758 Datasheet HTML 41Page - Richtek Technology Corporation RT9758 Datasheet HTML 42Page - Richtek Technology Corporation RT9758 Datasheet HTML 43Page - Richtek Technology Corporation RT9758 Datasheet HTML 44Page - Richtek Technology Corporation RT9758 Datasheet HTML 45Page - Richtek Technology Corporation RT9758 Datasheet HTML 46Page - Richtek Technology Corporation RT9758 Datasheet HTML 47Page - Richtek Technology Corporation RT9758 Datasheet HTML 48Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
44
Table 8. Rule of VBUS_LOW_ERR before Start Charging Process in 4 Operation Modes
Operation Mode
VBUS_LOW_ERR
STAT
OPERATION_MODE_SELECTION
bit
REVERSE_MODE_EN
bit
Bypass
0
0
0
Reverse Bypass
1
0
1
DIV2
0
1
0
Reverse DIV2
1
1
1
⚫
WRX Reverse Over-Current Protection
(WRX_IRE_OCP)
The WRX_IRE_OCP function monitors reverse input
current from VBUS to WRX_IN via Q0. And it only
active while Q0 is turned on. If Q0_CONTROL bit set
10 or 11, the Q0 will turn on and WRX_IRE_OCP will
start detecting reverse input current. If the reverse
input current is larger than WRX_IRE_OCP threshold
in tWRX_IRE_OCP_DEG time, the device will only reset
Q0_CONTROL bit to 00 in order to disable Q0
immediately. Users can adjust the WRX_IRE_OCP
threshold via register setting.
⚫
IBUS Over-Current Protection (IBUS_OCP)
The
device
integrates
bidirectional
IBUS_OCP
function to detect input current in 4 operation modes.
In reverse DIV2 mode and reverse bypass mode, if
IBUS current from VOUT to VBUS is larger than
IBUS_OCP threshold in tIBUS_OCP_DEG time, the
device will stop charging and reset CHG_EN bit and
REVERSE_MODE_EN bit to 0.
In DIV2 mode, if IBUS current from VBUS to VOUT
is larger than IBUS_OCP threshold in tIBUS_OCP_DEG
time, the device will stop charging and reset
CHG_EN bit to 0.
In bypass mode, if IBUS current from VBUS to VOUT
is larger than IBUS_OCP threshold in tIBUS_OCP_DEG
time, the device will stop charging and still keep
CHG_EN bit to 1. Users can adjust the IBUS_OCP
threshold via register setting.
⚫
Converter Over-Current Protection (CON_OCP)
The device integrates CON_OCP function to prevent
huge abnormal converter operating current in 4
operation modes. In reverse DIV2 mode and reverse
bypass mode, If the converter operating current is
larger than CON_OCP threshold, the device will stop
charging and reset CHG_EN bit and REVERSE_
MODE_EN bit to 0.
In DIV2 mode, If the converter operating current is
larger than CON_OCP threshold, the device will stop
charging and reset CHG_EN bit to 0.
In bypass mode, If the converter operating current is
larger than CON_OCP threshold, the device will stop
charging and still keep CHG_EN bit to 1.
⚫
Device Thermal Shutdown (TDIE_OTP)
The device integrates TDIE_OTP to prevent system
charging in over-temperature condition. The TDIE_
OTP function monitors die temperature. When the
device in standby mode or bypass mode or DIV2
mode, If the die temperature is higher than TDIE_
OTP threshold in tTDIE_DEG time, the device will stop
charging and reset CHG_EN bit to 0.
When the device in reverse bypass mode or reverse
DIV2 mode, If the die temperature is higher than
TDIE_OTP threshold, the device will stop charging
and reset CHG_EN bit and REVERSE_MODE_EN
bit both to 0.
After TDIE_OTP is triggered, the TDIE_OTP_EXIT_
FLAG will turn to high when die temperature lower
than TDIE_OTP release threshold. For safety, the
device should only enable charge again after
TDIE_OTP_STAT is set to 0 and TDIE_OTP_EXIT_
FLAG is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com