Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 28Page - Richtek Technology Corporation RT9758 Datasheet HTML 29Page - Richtek Technology Corporation RT9758 Datasheet HTML 30Page - Richtek Technology Corporation RT9758 Datasheet HTML 31Page - Richtek Technology Corporation RT9758 Datasheet HTML 32Page - Richtek Technology Corporation RT9758 Datasheet HTML 33Page - Richtek Technology Corporation RT9758 Datasheet HTML 34Page - Richtek Technology Corporation RT9758 Datasheet HTML 35Page - Richtek Technology Corporation RT9758 Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
32
Register Address : 0x11, Register Name : CTRL_8
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:6
CFLY_DIAG_
TIME
10
N
Y
RW
Program pre-charge timing of CFLY in DIV2
mode or reverse DIV2 mode.
In DIV2 mode, pre-charge timing of CFLY is
sum of CFLY_DIAG_TIME and
VOUT_ERR_ON_TIME.
In reverse DIV2 mode, pre-charge timing of
CFLY is depend on CFLY_DIAG_TIME.
00 : 0.5ms
01 : 1ms
10 : 2ms (default)
11 : 4ms
5:4
PRECHARGE
_CURRENT
10
N
Y
RW
Program VOUT or CFLY pre-charge current
in soft-start period.
00 : Reserved
01 : 330mA
10 : 500mA (default)
11 : 660mA
3:2
VOUT_ERR_
ON_TIME
10
N
Y
RW
Program pre-charge timing of VOUT in
bypass mode and DIV2 mode.
In DIV2 mode, pre-charge timing of VOUT is
sum of CFLY_DIAG_TIME and
VOUT_ERR_ON_TIME.
In bypass mode, pre-charge timing of VOUT
is depend on VOUT_ERR_ON_TIM.
00 : 0.5ms
01 : 1ms
10 : 2ms (default)
11 : 4ms
1
VOUT_ERR_
OFF_TIME
0
N
Y
RW
Program a turn off timing after VOUT_ERR is
triggered in bypass mode.
0 : 40ms (default)
1 : 80ms
0
BEHAVIOR_
AFTER_WDT
1
N
Y
RW
Select the converter behavior of converter
after trigger watchdog timeout event.
0 : Converter would enter standby mode and
Q0_CONTROL set to 00 after WDT is
triggered
1 : Only when in bypass mode, the converter
would keep the same mode as before, after
WDT is triggered. (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com