Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 43 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 43 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 39Page - Richtek Technology Corporation RT9758 Datasheet HTML 40Page - Richtek Technology Corporation RT9758 Datasheet HTML 41Page - Richtek Technology Corporation RT9758 Datasheet HTML 42Page - Richtek Technology Corporation RT9758 Datasheet HTML 43Page - Richtek Technology Corporation RT9758 Datasheet HTML 44Page - Richtek Technology Corporation RT9758 Datasheet HTML 45Page - Richtek Technology Corporation RT9758 Datasheet HTML 46Page - Richtek Technology Corporation RT9758 Datasheet HTML 47Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
43
⚫
Input and Output Over-Voltage Protection (VBUS_OVP, VOUT_OVP)
The device integrates VBUS_OVP and VOUT_OVP function to monitor input and output voltage by VBUS pin and
VOUT pin, respectively. When the device in standby mode or 4 operation modes, if the VBUS voltage is higher
than VBUS_OVP threshold or the VOUT voltage is higher than VOUT_OVP threshold, the device will start to turn
off charger in tVBUS_OVP_RE time or tVOUT_OVP_DEG time, respectively.
There are two register bits related to OVP protection which are AUTO_RECOVERY_EN and
IN_VALID_RECOVERY_DEGLITCH. According to different two of register setting, the device shows different
protection method in bypass mode. For example, in bypass mode with default setting (AUTO_RECOVERY_EN =
1 and IN_VALID_RECOVERY_DEGLITCH = 0), the device stop charge while OVP is triggered. And if OVP fault
is released, the device will count 21msec deglitch time (tOVP_RECOVERY) to make sure OVP fault is released
actually. After deglitch counting is finished, the device can re-start again. In other three operation modes,
regardless of two of bit setting, the device will set CHG_EN = 0 when OVP is triggered. About OVP protection
behavior, the Table 7 shows relational behavior in each mode. Users can adjust the threshold of VBUS_OVP and
VOUT_OVP via register setting. For safety charging, the OVP level must be set to 1.1 times the level of operating
voltage. And make sure the input and output voltage not be higher than absolute maximum rating of VBUS,
WRX_IN and VOUT pin. (prevented by external TVS or OVP IC, etc.).
Table 7. OVP Protection Behavior in Each Mode
Bypass Mode
AUTO_RECOVERY_EN
IN_VALID_RECOVERY_DEGLITCH
OVP Protection Behavior
0
X
Reset CHG_EN = 0
1
0
Stop charge until fault release
over 21msec deglitch time
1
1
Stop charge until fault release
over 100msec deglitch time
Reverse Bypass Mode, DIV2 Mode and Reverse DIV2 Mode
X
X
Reset CHG_EN = 0
⚫
VBUS Charge Voltage Protection (VBUS_LOW_ERR)
The device integrates VBUS_LOW_ERR to prevent users from adjusting wrong VBUS for charge. In standby
mode, if VBUS is lower than VBUS_LOW_ERR falling threshold, the VBUS_LOW_ERR flag and status bit will set
to 1. If VBUS is higher than VBUS_LOW_ERR rising threshold, the VBUS _LOW_ERR status bit will set to 0. The
VBUS_LOW_ERR threshold is depending on OPERATION_MODE_SELECTION bit, if OPERATION_MODE_
SELECTION set to 0, the VBUS_LOW_ERR typical falling threshold is 0.99V/V. If OPERATION_
MODE_SELECTION set to 1, the VBUS_LOW_ERR typical threshold is 1.975V/V. Before start charging in 4
operation modes, user should follow the rule of VBUS_LOW_ERR shown in Table 8. If VBUS_LOW_ERR condition
isn’t meet the rule, the device will not enter charging process. In above case, the device will keep to like standby
mode until the VBUS_LOW_ERR condition is met. For recommended setup process before start charging, set the
device
into
standby
mode
(CHG_EN
=
0)
and
then
make
sure
VBUS_LOW_ERR
status,
OPERATION_MODE_SELECTION bit and REVERSE_MODE_EN bit are ready. After the device start charging,
the VBUS_LOW_ERR function will be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com