Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 49 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 49 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 45Page - Richtek Technology Corporation RT9758 Datasheet HTML 46Page - Richtek Technology Corporation RT9758 Datasheet HTML 47Page - Richtek Technology Corporation RT9758 Datasheet HTML 48Page - Richtek Technology Corporation RT9758 Datasheet HTML 49Page - Richtek Technology Corporation RT9758 Datasheet HTML 50Page - Richtek Technology Corporation RT9758 Datasheet HTML 51Page - Richtek Technology Corporation RT9758 Datasheet HTML 52Page - Richtek Technology Corporation RT9758 Datasheet HTML 53Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
49
WRX_OK Function (WRX_OK)
The RT9758 includes WRX_OK pin function to inform system. In standby mode and 4 operation mode with default
setting, if WRX_IN voltage over then WRX_INSERT level, WRX_OK pin will pull high. User can change status of
WRX_OK pin from high to low while WRX_INSERT is detected by using OVERRIDE_WRX_OK_PIN_LOW bit. If
OVERRIDE_WRX_OK_PIN_LOW bit set to 1, the status of WRX_OK pin pull to low while WRX_INSERT is detected.
If user desires WRX_OK function active in present mode, user can set WRX_OK_PSM bit and WRX_OK_EN bit both
to 1 to active it. In addition, user can disable WRX_OK function by WRX_OK_EN bit in each mode.
Q0 MOSFET Control (Q0_CONTROL)
The RT9758 includes Q0 MOSFET to prevent reverse voltage from VBUS pin. It can be controlled by Q0_CONTROL
bit. If Q0_CONTROL bit set to 10, Q0 will turn on after 2msec delay time (tQ0_DELAY) when WRX_INSERT is detected
and without VBUS OVP fault. In 2msec delay time (tQ0_DELAY), WRX_IN pull down resistor will be active. If
Q0_CONTROL bit set to 11, Q0 will turn on immediately when VBUS_INSERT is detected. If user desires to turn off
Q0 MOSFET, just set Q0_CONTROL bit to 00 or 10.
I2C Serial Interface
The RT9758 integrates I2C interface for host to program charging parameter and monitor device status. The interface
requires a serial clock line (SCL) and a serial data line (SDA). The host should initiate a data transfer on the bus and
generates the clock signals to permit that transfer. The device operates with address 50H, 51H or 52H to receive
control input from the host. The SCL and SDA pin are open drain structures. Users should connect a supply voltage
via a current source or pull-up resistors on SCL and SDA. The Figure 11 shows the I2C waveform information, the
data line must be stable during the high period of SCL line. The high or low state of SDA can only change when SCL
line is low.
SDA
SCL
tF
tLOW
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tHD;STA
tSP
tBUF
tSU;STO
P
S
tR
Sr
S
tF
tR
Figure 11. I2C Waveform Information
The RT9758 operates as an I2C slave device with address 50H, 51H or 52H (depends on voltage condition of ADDR
pin). Every byte on SDA line must be 8 bit long. The Figure 12 shows the byte format of SDA and SCL line. All of
transactions begin with a START pattern and can be terminated with a STOP pattern. After START, the master
should send a slave address. The slave address is 7-bits long followed by the eighth bit as a data direction bit (R/W).
The direction bit setting to 0 indicates a transmission and 1 indicates a request for data. The master should take an
acknowledge bit after every byte. The master should release SDA line during the acknowledge clock pulse so the
slave device can pull low the SDA line to signal the master that the byte was successfully received. The RT9758
supports multi read/write and SCL line can be up to 3.4MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com