Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 10Page - Richtek Technology Corporation RT9758 Datasheet HTML 11Page - Richtek Technology Corporation RT9758 Datasheet HTML 12Page - Richtek Technology Corporation RT9758 Datasheet HTML 13Page - Richtek Technology Corporation RT9758 Datasheet HTML 14Page - Richtek Technology Corporation RT9758 Datasheet HTML 15Page - Richtek Technology Corporation RT9758 Datasheet HTML 16Page - Richtek Technology Corporation RT9758 Datasheet HTML 17Page - Richtek Technology Corporation RT9758 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
14
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Timing
Device Wake Up Time
tWAKE_UP
Duration time between VDDA >
VDDA_UVLO and device
can start I2C communication
--
500
--
s
Device into Standby
Mode Time
tSTANDBY_DELAY
Duration time from Present mode
to Standby mode
--
300
--
s
Soft-Start Time for
Bypass Mode
tSS_BYPASS
Timing about VOUT pre-charge
to VBUS and Bypass RON fully
turn on when Bypass mode is
enabled with no load, Pre-charge
current = 500mA,
VOUT_ERR_ON_TIME = 2msec,
COUT = 22
F x 1, VBUS = 5V
--
--
3
ms
Soft-Start Time for DIV2
Mode
tSS_DIV2
Timing about CFLY and VOUT
pre-charge to (VBUS/2) and start
switching when DIV2 mode is
enabled with no load, Pre-charge
current = 500mA,
CFLY_DIAG_TIME = 2msec,
VOUT_ERR_ON_TIME = 2msec,
CFLY = 22
F x 2 each phase,
COUT = 22
F x 1, VBUS = 10V
--
--
5
ms
Soft-Start Time for
Reverse Bypass Mode
tSS_REVERSE_BYPASS
Timing about Bypass RON fully
turn on when Reverse Bypass
mode is enabled with no load,
Pre-charge current = 500mA,
VOUT_ERR_ON_TIME = 2msec,
VOUT = 5V
--
--
3
ms
Soft-Start Time for
Reverse DIV2 Mode
tSS_REVERSE_DIV2
Timing about CFLY from 0V to
5V and start switching when
reverse DIV2 mode is enabled
with no load, Pre-charge current
= 500mA, CFLY_DIAG_TIME =
2msec, CFLY = 22
F x 2 each
phase, VOUT = 5V
--
--
4
ms
Turn on Q0 Delay Time
tQ0_DELAY
0x0D[1:0] = 10, Duration time
between WRX_IN >
WRX_INSERT and Q0 start to
turn on
--
2
--
ms
OVP Recovery Time
tOVP_RECOVERY
Only active in Bypass mode with
register 0x0E[7] = 1, Select by
register 0x0F[7] = 0
17
21
25
ms
Only active in Bypass mode with
register 0x0E[7] = 1, Select by
register 0x0F[7] = 1
80
100
120
WRX_OK Pull Up Time
tWRX_OK_PULL_UP
VBUS > 5V, in standby mode,
WRX_OK pin is floating, Duration
time between WRX_IN >
WRX_INSERT and WRX_OK
pull to high level
--
16
--
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com