Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 100Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 101Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 102Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 103Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 104Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 105Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 107Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 186 page
background image
104
AT89C5130A/31A-M
4337G–USB–11/06
status code in SSCS are possible. There are 40h, 48h or 38h for the master mode and
also 68h, 78h or B0h if the slave mode was enabled (AA=logic 1). The appropriate
action to be taken for each of these status code is detailed in Table . This scheme is
repeated until a STOP condition is transmitted.
SSIE, CR2, CR1 and CR0 are not affected by the serial transfer and are referred to
Table 7 to Table 11. After a repeated START condition (state 10h) the TWI module may
switch to the master transmitter mode by loading SSDAT with SLA+W.
Slave Receiver Mode
In the slave receiver mode, a number of data bytes are received from a master transmit-
ter (Figure 54). To initiate the slave receiver mode, SSADR and SSCON must be loaded
as follows:
The upper 7 bits are the address to which the TWI module will respond when addressed
by a master. If the LSB (GC) is set the TWI module will respond to the general call
address (00h); otherwise it ignores the general call address.
CR0, CR1 and CR2 have no effect in the slave mode. SSIE must be set to enable the
TWI. The AA bit must be set to enable the own slave address or the general call address
acknowledgement. STA, STO and SI must be cleared.
When SSADR and SSCON have been initialised, the TWI module waits until it is
addressed by its own slave address followed by the data direction bit which must be at
logic 0 (W) for the TWI to operate in the slave receiver mode. After its own slave
address and the W bit have been received, the serial interrupt flag is set and a valid sta-
tus code can be read from SSCS. This status code is used to vector to an interrupt
service routine.The appropriate action to be taken for each of these status code is
detailed in Table . The slave receiver mode may also be entered if arbitration is lost
while TWI is in the master mode (states 68h and 78h).
If the AA bit is reset during a transfer, TWI module will return a not acknowledge (logic 1)
to SDA after the next received data byte. While AA is reset, the TWI module does not
respond to its own slave address. However, the 2-wire bus is still monitored and
address recognition may be resume at any time by setting AA. This means that the AA
bit may be used to temporarily isolate the module from the 2-wire bus.
Slave Transmitter Mode
In the slave transmitter mode, a number of data bytes are transmitted to a master
receiver (Figure 55). Data transfer is initialized as in the slave receiver mode. When
SSADR and SSCON have been initialized, the TWI module waits until it is addressed by
its own slave address followed by the data direction bit which must be at logic 1 (R) for
TWI to operate in the slave transmitter mode. After its own slave address and the R bit
Table 78.
SSADR: Slave Receiver Mode Initialization
A6
A5
A4
A3
A2
A1
A0
GC
own slave address
Table 79.
SSCON: Slave Receiver Mode Initialization
CR2
SSIE
STA
STO
SI
AA
CR1
CR0
bit rate
1
0
0
0
1
bit rate
bit rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com