Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 105 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 101Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 102Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 103Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 104Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 105Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 107Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 108Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 186 page
background image
105
AT89C5130A/31A-M
4337G–USB–11/06
have been received, the serial interrupt flag is set and a valid status code can be read
from SSCS. This status code is used to vector to an interrupt service routine. The appro-
priate action to be taken for each of these status code is detailed in Table . The slave
transmitter mode may also be entered if arbitration is lost while the TWI module is in the
master mode.
If the AA bit is reset during a transfer, the TWI module will transmit the last byte of the
transfer and enter state C0h or C8h. the TWI module is switched to the not addressed
slave mode and will ignore the master receiver if it continues the transfer. Thus the mas-
ter receiver receives all 1’s as serial data. While AA is reset, the TWI module does not
respond to its own slave address. However, the 2-wire bus is still monitored and
address recognition may be resume at any time by setting AA. This means that the AA
bit may be used to temporarily isolate the TWI module from the 2-wire bus.
Miscellaneous States
There are two SSCS codes that do not correspond to a define TWI hardware state
(Table 85 ). These codes are discuss hereafter.
Status F8h indicates that no relevant information is available because the serial interrupt
flag is not set yet. This occurs between other states and when the TWI module is not
involved in a serial transfer.
Status 00h indicates that a bus error has occurred during a TWI serial transfer. A bus
error is caused when a START or a STOP condition occurs at an illegal position in the
format frame. Examples of such illegal positions happen during the serial transfer of an
address byte, a data byte, or an acknowledge bit. When a bus error occurs, SI is set. To
recover from a bus error, the STO flag must be set and SI must be cleared. This causes
the TWI module to enter the not addressed slave mode and to clear the STO flag (no
other bits in SSCON are affected). The SDA and SCL lines are released and no STOP
condition is transmitted.
Notes
the TWI module interfaces to the external 2-wire bus via two port pins: SCL (serial clock
line) and SDA (serial data line). To avoid low level asserting on these lines when the
TWI module is enabled, the output latches of SDA and SLC must be set to logic 1.
Table 80.
Bit Frequency Configuration
Bit Frequency ( kHz)
CR2
CR1
CR0
F
OSCA= 12 MHz
F
OSCA = 16 MHz
F
OSCA divided by
0
0
0
47
62.5
256
0
0
1
53.5
71.5
224
0
1
0
62.5
83
192
0
1
1
75
100
160
1
0
0
-
-
Unused
1
0
1
100
133.3
120
1
1
0
200
266.6
60
1
1
1
0.5 <. < 62.5
0.67 <. < 83
Timer 1 in mode 2 can be used as TWI
baudrate generator with the following
formula:
96.(256-”Timer1 reload value”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com