Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 168 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 168 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 164Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 165Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 166Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 167Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 168Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 169Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 170Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 171Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 172Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 186 page
background image
168
AT89C5130A/31A-M
4337G–USB–11/06
External Data Memory Read Cycle
Serial Port Timing - Shift
Register Mode
Table 119.
Symbol Description (F = 40 MHz)
Table 120.
AC Parameters for a Fix Clock (F = 40 MHz)
Table 121.
AC Parameters for a Variable Clock
ALE
PSEN
RD
PORT 0
PORT 2
A0-A7
DATA IN
ADDRESS
OR SFR-P2
TAVWL
TLLWL
TRLAZ
ADDRESS A8-A15 OR SFR P2
TRHDZ
TWHLH
TRLRH
TLLDV
TRHDX
TLLAX
TAVDV
Symbol
Parameter
TXLXL
Serial port clock cycle time
TQVHX
Output data set-up to clock rising edge
TXHQX
Output data hold after clock rising edge
TXHDX
Input data hold after clock rising edge
TXHDV
Clock rising edge to input data valid
Symbol
Min
Max
Units
TXLXL
300
ns
TQVHX
200
ns
TXHQX
30
ns
TXHDX
0ns
TXHDV
117
ns
Symbol
Type
Standard
Clock
X2 Clock
X Parameter
for -M Range
Units
TXLXL
Min
12 T
6 T
ns
TQVHX
Min
10 T - x
5 T - x
50
ns
TXHQX
Min
2 T - x
T - x
20
ns
TXHDX
Min
x
x
0
ns
TXHDV
Max
10 T - x
5 T- x
133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com