Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 166 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 166 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 162Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 163Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 164Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 165Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 166Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 167Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 168Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 169Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 170Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 186 page
background image
166
AT89C5130A/31A-M
4337G–USB–11/06
Table 117.
AC Parameters for a Variable Clock (F = 40 MHz)
Symbol
Min
Max
Units
TRLRH
130
ns
TWLWH
130
ns
TRLDV
100
ns
TRHDX
0ns
TRHDZ
30
ns
TLLDV
160
ns
TAVDV
165
ns
TLLWL
50
100
ns
TAVWL
75
ns
TQVWX
10
ns
TQVWH
160
ns
TWHQX
15
ns
TRLAZ
0ns
TWHLH
10
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com