Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 163 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 163 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 159Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 160Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 161Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 162Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 163Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 164Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 165Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 166Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 167Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 186 page
background image
163
AT89C5130A/31A-M
4337G–USB–11/06
AC Parameters
Explanation of the AC
Symbols
Each timing symbol has 5 characters. The first character is always a “T” (stands for
time). The other characters, depending on their positions, stand for the name of a signal
or the logical status of that signal. The following is a list of all the characters and what
they stand for.
Example:TAVLL = Time for Address Valid to ALE Low.
TLLPL = Time for ALE Low to PSEN Low.
TA = -40°C to +85°C; VSS = 0V; VCC = 3.3V ±10%; F = 0 to 48 MHz.
TA = -40°C to +85°C; VSS = 0V; VCC = 3.3V ± 10%.
(Load Capacitance for port 0, ALE and PSEN = 60 pF; Load Capacitance for all other
outputs = 60 pF.)
Table 113, Table 116 and Table 119 give the description of each AC symbols.
Table 114, Table 118 and Table 120 give for each range the AC parameter.
Table 115, Table 118 and Table 121 give the frequency derating formula of the AC
parameter for each speed range description. To calculate each AC symbols. take the x
value and use this value in the formula.
Example: TLLIV and 20 MHz, Standard clock.
x = 30 ns
T = 50 ns
TCCIV = 4T - x = 170 ns
External Program Memory
Characteristics
Table 113.
Symbol Description
Symbol
Parameter
T
Oscillator Clock Period
TLHLL
ALE Pulse Width
TAVLL
Address Valid to ALE
TLLAX
Address Hold after ALE
TLLIV
ALE to Valid Instruction In
TLLPL
ALE to PSEN
TPLPH
PSEN Pulse Width
TPLIV
PSEN to Valid Instruction In
TPXIX
Input Instruction Hold after PSEN
TPXIZ
Input Instruction Float after PSEN
TAVIV
Address to Valid Instruction In
TPLAZ
PSEN Low to Address Float



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com